Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 102 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 102 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 98Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 99Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 100Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 101Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 102Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 103Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 104Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 105Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 106Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page102 of 161
Rev1.9
0x04
WDTCLR
R/W
0x0040
看门狗喂狗与时间配置寄存器
0x08
WDTCNT
R
0x0000
看门狗计数寄存器(只读)
12.4 特殊功能寄存器说明
WDTCFG
(WDT 配置寄存器)
基地址:
0x40010000
偏移地址: 00H
Bit7
6
5
4
3
2
1
Bit0
Read:
X
X
X
X
X
X
X
INT_RST
Write:
Reset:
0
0
0
0
0
0
0
0
功能描述
INT_RST
设置 WDT 计数溢出后产生复位还是产生中断
0:产生复位
1:产生中断
WDTCLR
(WDT 喂狗与时间配置寄存器)
基地址:
0x40010000
偏移地址: 04H
Bit15
14
13
12
11
10
9
Bit8
Read:
0
0
0
0
0
0
0
0
Write:
CLR[7:0]
Reset:
0
0
0
0
0
0
0
0
Bit7
6
5
4
3
2
1
Bit0
Read:
SET[7:0]
Write:
Reset:
0
1
0
0
0
0
0
0
功能描述
CLR[7:0]
WDT 喂狗控制位:
当该 8bit 写入 0xAA,则清狗,清除 WDT 内部计数器 WDTCNT,写入其他值无效
该高 8bit 只能写入,不能读取,读出值永远为 0
SET[7:0]
WDT 溢出时间设置:
WDT 溢出时间=64ms * (1+SET[7:0])
SET[7:0]为 8 位无符号数,由上面公式可以得出,最短的定时时间为 64ms,最长
为 16384ms。默认为 4160ms。该默认时间是按照 LRC 为 32KHz 计算的,实际值应该
按照实际的 LRC 频率值计算



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com