Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 18 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 18 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 14Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 15Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 16Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 17Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 18Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 19Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 20Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 21Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 22Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page18 of 161
Rev1.9
注:1.IN=输入;OUT=输出;POWER=电源;GND=地。
2.数字输出引脚都可配开漏功能(Open Drain)。
3.数字输入引脚(除 RST/TEST/JTAGWDTEN,这三个引脚内部恒定上拉 88K)都可配上拉功能。
4.PA.6 引脚为一个特殊引脚,当 TEST=0 时,该引脚为输入 JTAG_WDTEN 功能。
5.HT6015/HT6017/HT6019 pin1 和 pin80 分别为 OSCI 和 OSCO,两 pin 脚外部接晶振起振电路;
HT6215 pin1 和 pin80 为 NC,两 pin 脚外部 floating。
6.
注明的 IO 口都是 3mA 驱动
59
47
34
PC.11
IN/OUT
TX2
输出驱动 5mA
60
48
35
PC.12
IN/OUT
RX2
模拟滤波 2us
61
49
PC.13
IN/OUT
SCL
62
50
PC.14
IN/OUT
SDA
63
36
PE.0
IN/OUT
TMR0
64
37
PE.1
IN/OUT
TX4
TOUT2
输出驱动 5mA
65
38
PE.2
IN/OUT
RX4
7816_0
模拟滤波 2us
66
51
PE.3
IN/OUT
CLKOUT
7816 CLK
67
52
PE.4
IN/OUT
RX3
7816_1
模拟滤波2us
68
53
PE.5
IN/OUT
TX3
69
39
PE.6
IN/OUT
TMR1
70
54
PB.11
IN/OUT
SEG11
71
55
40
PB.12
IN/OUT
SEG12
JTAG 通讯:TDO
72
56
41
PB.13
IN/OUT
SEG13
JTAG 通讯:TMS
73
57
42
PB.14
IN/OUT
SEG14
JTAG 通讯:TDI
74
58
43
PB.15
IN/OUT
SEG15
JTAG 通讯:TCK
75
59
PE.8
IN/OUT
76
60
44
PA.12
IN/OUT
SEG35
ADCIN0
77
61
45
PA.13
IN/OUT
SEG36
ADCIN1
78
62
46
VRTC
POWER
时钟电源输入
79
63
47
AGND
GND
芯片模拟地
80
64
48
OSCO/NC
注5
OUT
晶振时钟引脚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com