Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6015 Datasheet(PDF) 16 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6015
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6015 Datasheet(HTML) 16 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6015 Datasheet HTML 12Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 13Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 14Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 15Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 16Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 17Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 18Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 19Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6015 Datasheet HTML 20Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page16 of 161
Rev1.9
80
PIN
64
PIN
48
PIN
标识
引脚类型
第一复
用功能
第二复用
功能
引脚说明
1
1
1
OSCI/NC
注5
IN
晶振时钟引脚
2
2
2
VBAT
IN
电池电压采样
3
3
3
PE.7
IN/OUT
LVDIN
外部电压检测
4
4
4
TEST
IN
测试引脚(低电平有效,内部
上拉),滤波 2us
5
5
5
/RST
IN
复位信号(低电平有效,内部
上拉),
模拟滤波 2us
6
6
PA.11
IN/OUT
INT6
模拟滤波 2us
7
6
7
PA.10
IN/OUT
INT5
模拟滤波 2us
8
7
8
PA.9
IN/OUT
INT4
模拟滤波 2us
9
PD.0
IN/OUT
SEG16
10
PD.1
IN/OUT
SEG17
11
PD.2
IN/OUT
SEG18
12
8
PD.3
IN/OUT
SEG19
13
9
PD.4
IN/OUT
SEG20
输出驱动 5mA
14
10
PD.5
IN/OUT
SEG21
输出驱动 5mA
15
11
PD.6
IN/OUT
SEG22
输出驱动 5mA
16
12
PD.7
IN/OUT
SEG23
输出驱动 5mA
17
13
9
PD.8
IN/OUT
COM0
18
14
10
PD.9
IN/OUT
COM1
19
15
11
PD.10
IN/OUT
COM2
20
16
12
PD.11
IN/OUT
COM3
21
17
13
PD.12
IN/OUT
COM4
SEG24
22
18
14
PD.13
IN/OUT
COM5
SEG25
23
19
15
PD.14
IN/OUT
COM6
SEG26
24
20
16
PD.15
IN/OUT
COM7
SEG27
25
21
17
PC.8
IN/OUT
TOUT1
输出驱动 5mA
26
22
18
PC.0
IN/OUT
TX1
Isink:20-30mA
Isource:10mA
27
23
19
PC.1
IN/OUT
RX1
模拟滤波 2us
28
24
PC.4
IN/OUT
SPI_MOS
I
RX5
滤波 2us,输出驱动 5mA
29
25
PC.5
IN/OUT
SPI_MIS
O
TX5
输出驱动 5mA
30
26
PC.6
IN/OUT
SPI_CLK
输出驱动 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com