Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 10Page - Texas Instruments LM335AM/NOPB Datasheet HTML 11Page - Texas Instruments LM335AM/NOPB Datasheet HTML 12Page - Texas Instruments LM335AM/NOPB Datasheet HTML 13Page - Texas Instruments LM335AM/NOPB Datasheet HTML 14Page - Texas Instruments LM335AM/NOPB Datasheet HTML 15Page - Texas Instruments LM335AM/NOPB Datasheet HTML 16Page - Texas Instruments LM335AM/NOPB Datasheet HTML 17Page - Texas Instruments LM335AM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
Terminate thermocouple reference junction in close
proximity to LM335.
Adjustments:
1. Apply signal in place of thermocouple and adjust
R3 for a gain of 245.7.
2. Short non-inverting input of LM308A and output of
Select R3 and R4 for thermocouple type
LM329B to ground.
3. Adjust R1 so that VOUT = 2.982V @ 25°C.
4. Remove short across LM329B and adjust R2 so
that VOUT = 246 mV @ 25°C.
5. Remove short across thermocouple.
Figure 25. Single Power Supply Cold Junction
Figure 26. Centigrade Calibrated Thermocouple
Compensation
Thermometer
Figure 27. Differential Temperature Sensor
Figure 28. Differential Temperature Sensor
14
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com