Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 21Page - Texas Instruments LM335AM/NOPB Datasheet HTML 22Page - Texas Instruments LM335AM/NOPB Datasheet HTML 23Page - Texas Instruments LM335AM/NOPB Datasheet HTML 24Page - Texas Instruments LM335AM/NOPB Datasheet HTML 25Page - Texas Instruments LM335AM/NOPB Datasheet HTML 26Page - Texas Instruments LM335AM/NOPB Datasheet HTML 27Page - Texas Instruments LM335AM/NOPB Datasheet HTML 28Page - Texas Instruments LM335AM/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
1.22
0.72
45
(
2.54)
1.16
0.92
4.95
4.55
0.76 MAX
2.67 MAX
UNCONTROLLED LEAD DIA
0.64 MAX
(MIL/AERO)
1.397 MAX
(COMMERCIAL)
3X
12.7 MIN
3X
0.483
0.407
5.32-5.56
TO-CAN - 2.67 mm max height
NDV0003H
TRANSISTOR OUTLINE
4219876/B 09/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-46.
1
2
3
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com