Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 22Page - Texas Instruments LM335AM/NOPB Datasheet HTML 23Page - Texas Instruments LM335AM/NOPB Datasheet HTML 24Page - Texas Instruments LM335AM/NOPB Datasheet HTML 25Page - Texas Instruments LM335AM/NOPB Datasheet HTML 26Page - Texas Instruments LM335AM/NOPB Datasheet HTML 27Page - Texas Instruments LM335AM/NOPB Datasheet HTML 28Page - Texas Instruments LM335AM/NOPB Datasheet HTML 29Page - Texas Instruments LM335AM/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MAX
TYP
(
1.2)
METAL
2X (
1.2)
METAL
3X (
0.7) VIA
(R0.05) TYP
(2.54)
(1.27)
TO-CAN - 2.67 mm max height
NDV0003H
TRANSISTOR OUTLINE
4219876/B 09/2024
LAND PATTERN EXAMPLE
NON-SOLDER MASK DEFINED
SCALE:12X
2X
SOLDER MASK
OPENING
SOLDER MASK
OPENING
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com