Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 6Page - Texas Instruments LM335AM/NOPB Datasheet HTML 7Page - Texas Instruments LM335AM/NOPB Datasheet HTML 8Page - Texas Instruments LM335AM/NOPB Datasheet HTML 9Page - Texas Instruments LM335AM/NOPB Datasheet HTML 10Page - Texas Instruments LM335AM/NOPB Datasheet HTML 11Page - Texas Instruments LM335AM/NOPB Datasheet HTML 12Page - Texas Instruments LM335AM/NOPB Datasheet HTML 13Page - Texas Instruments LM335AM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
To insure good sensing accuracy, several precautions must be taken. Like any temperature-sensing device, self-
heating can reduce accuracy. The LM135 should be operated at the lowest current suitable for the application.
Sufficient current, of course, must be available to drive both the sensor and the calibration pot at the maximum
operating temperature as well as any external loads.
If the sensor is used in an ambient where the thermal resistance is constant, self-heating errors can be calibrated
out. This is possible if the device is run with a temperature-stable current. Heating will then be proportional to
zener voltage and therefore temperature. This makes the self-heating error proportional to absolute temperature
the same as scale factor errors.
8.2 Typical Application
Figure 13. Basic Temperature Sensor
8.2.1 Design Requirements
Table 1. Design Parameters
PARAMETER
EXAMPLE VALUE
Accuracy at 25°C
±1°C
Accuracy from –55 °C to 150 °C
±2.7°C
Forward Current
1 mA
Temperature Slope
10m V/K
8.2.2 Detailed Design Procedure
For optimum accuracy, R1 is picked such that 1 mA flows through the sensor. Additional error can be introduced
by varying load currents or varying supply voltage. The influence of these currents on the minimum and
maximum reverse current flowing through the LM135 should be calculated and be maintained in the range of 0.4
mA to 5 mA. Minimizing the current variation through the LM135 will provide for the best accuracy. The
Operating Output Voltage Change with Current specification can be used to calculate the additional error which
could be up to 1 K maximum from the LM135A, for example.
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com