Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM335AM/NOPB Datasheet HTML 1Page - Texas Instruments LM335AM/NOPB Datasheet HTML 2Page - Texas Instruments LM335AM/NOPB Datasheet HTML 3Page - Texas Instruments LM335AM/NOPB Datasheet HTML 4Page - Texas Instruments LM335AM/NOPB Datasheet HTML 5Page - Texas Instruments LM335AM/NOPB Datasheet HTML 6Page - Texas Instruments LM335AM/NOPB Datasheet HTML 7Page - Texas Instruments LM335AM/NOPB Datasheet HTML 8Page - Texas Instruments LM335AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
5 Pin Configuration and Functions
TO-46 (NDV)
TO-92 (LP)
3 Pins
3 Pins
Bottom View
Bottom View
SOIC (D)
8 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-46
TO-92
SO8
—
—
1
N.C.
—
—
2
—
No Connection
—
—
3
–
—
—
4
O
Negative output
ADJ
—
—
5
I
Calibration adjust pin
—
—
6
N.C.
—
No Connection
—
—
7
+
—
—
8
I
Positive input
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com