Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 8Page - Texas Instruments LM335AM/NOPB Datasheet HTML 9Page - Texas Instruments LM335AM/NOPB Datasheet HTML 10Page - Texas Instruments LM335AM/NOPB Datasheet HTML 11Page - Texas Instruments LM335AM/NOPB Datasheet HTML 12Page - Texas Instruments LM335AM/NOPB Datasheet HTML 13Page - Texas Instruments LM335AM/NOPB Datasheet HTML 14Page - Texas Instruments LM335AM/NOPB Datasheet HTML 15Page - Texas Instruments LM335AM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
System Examples (continued)
Figure 19. Simple Temperature Controller
Figure 20. Simple Temperature Control
Adjust R2 for 2.554V across LM336.
Adjust for 2.7315V at output of LM308
Adjust R1 for correct output.
Figure 21. Ground Referred Fahrenheit
Figure 22. Centigrade Thermometer
Thermometer
To calibrate adjust R2 for 2.554V across LM336.
Adjust R1 for correct output.
Figure 23. Fahrenheit Thermometer
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com