Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM335AM/NOPB Datasheet HTML 1Page - Texas Instruments LM335AM/NOPB Datasheet HTML 2Page - Texas Instruments LM335AM/NOPB Datasheet HTML 3Page - Texas Instruments LM335AM/NOPB Datasheet HTML 4Page - Texas Instruments LM335AM/NOPB Datasheet HTML 5Page - Texas Instruments LM335AM/NOPB Datasheet HTML 6Page - Texas Instruments LM335AM/NOPB Datasheet HTML 7Page - Texas Instruments LM335AM/NOPB Datasheet HTML 8Page - Texas Instruments LM335AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3) (4)
MIN
MAX
UNIT
Reverse Current
15
mA
Forward Current
10
mA
8-Pin SOIC Package
−65
150
°C
Storage temperature,
Tstg
TO / TO-92 Package
−60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Refer to RETS135H for military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
Soldering process must comply with the Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Continuous (TMIN ≤ TA ≤ TMAX)
−55
150
°C
LM135, LM135A
Intermittent (1)
150
200
Continuous (TMIN ≤ TA ≤ TMAX)
−40
125
°C
Specified Temperature
LM235, LM235A
Intermittent (1)
125
150
Continuous (TMIN ≤ TA ≤ TMAX)
−40
100
°C
LM335, LM335A
Intermittent (1)
100
125
Forward Current
0.4
1
5
mA
(1)
Continuous operation at these temperatures for 5,000 hours for LP package may decrease life expectancy of the device.
6.3 Thermal Information
LM335 /
LM235 /
LM135 /
LM335A
LM235A
LM135A
THERMAL METRIC(1)
UNIT
SOIC (D)
TO-92 (LP)
TO-46 (NDV)
8 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
165
202
400
°C/W
RθJC
Junction-to-case thermal resistance
—
170
—
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Temperature Accuracy: LM135/LM235, LM135A/LM235A
(1)
LM135A/LM235A
LM135/LM235
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Operating Output Voltage
TC = 25°C, IR = 1 mA
2.97
2.98
2.99
2.95
2.98
3.01
V
Uncalibrated Temperature Error
TC = 25°C, IR = 1 mA
0.5
1
1
3
°C
Uncalibrated Temperature Error
TMIN ≤ TC ≤ TMAX, IR = 1
1.3
2.7
2
5
°C
mA
Temperature Error with 25°C
TMIN ≤ TC ≤ TMAX, IR = 1
0.3
1
0.5
1.5
°C
mA
Calibration
Calibrated Error at Extended
TC = TMAX (Intermittent)
2
2
°C
Temperature
Non-Linearity
IR = 1 mA
0.3
0.5
0.3
1
°C
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com