Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335AM/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM335AM/NOPB
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335AM/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM335AM/NOPB Datasheet HTML 13Page - Texas Instruments LM335AM/NOPB Datasheet HTML 14Page - Texas Instruments LM335AM/NOPB Datasheet HTML 15Page - Texas Instruments LM335AM/NOPB Datasheet HTML 16Page - Texas Instruments LM335AM/NOPB Datasheet HTML 17Page - Texas Instruments LM335AM/NOPB Datasheet HTML 18Page - Texas Instruments LM335AM/NOPB Datasheet HTML 19Page - Texas Instruments LM335AM/NOPB Datasheet HTML 20Page - Texas Instruments LM335AM/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
10.3 Waterproofing Sensors
Meltable inner-core, heat-shrinkable tubing, such as manufactured by Raychem, can be used to make low-cost
waterproof sensors. The LM335 is inserted into the tubing about 0.5 inches from the end and the tubing heated
above the melting point of the core. The unfilled 0.5-inch end melts and provides a seal over the device.
10.4 Mounting the Sensor at the End of a Cable
The main error due to a long wire is caused by the voltage drop across that wire caused by the reverse current
biasing the LM135 on. Table 2 shows the wire AWG and the length of wire that would cause 1°C error.
Figure 34. Cable Connected Temperature Sensor
Table 2. Wire Length for 1°C Error Due to Wire Drop
IR = 1 mA
IR = 0.5 mA
(1)
AWG
FEET
FEET
14
4000
8000
16
2500
5000
18
1600
3200
20
1000
2000
22
625
1250
24
400
800
(1)
For IR = 0.5 mA, the trim pot must be deleted.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com