Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 9Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 10Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
LOGIC
VIN
VCC
SS
RT/SYNC
OSCILLATOR
CLK
HS
0.25V
PWM
VREF
1V
FEEDFORWARD RAMP:
Vcc
UVLO
CS
RAMP
CLK + LEB
7.7V SERIES
REGULATOR
HO
HB
LO
VCC
COMP
SS
MAX V*S
CLAMP
UVLO
0.4V
2.5V
RES
CLK
2.5V
THERMAL
LIMIT
(165°C)
REF
1.25V
STANDBY
SHUTDOWN
ref
T1
and
T2
Timer
ref
SR1
SR2
DLY
OVP
1.25V
+5V
20 PA
CURRENT
LIMIT LOGIC
S
R
Q
T
Q
Q
22 PA
+5V
+5V
+5V
SS Buffer
(Sink Only)
STANDBY
D
Q
S
R
Q
STANDBY
HICCUP
12 PA
1 PA
110 PA
20 PA
REFERENCE
5k
AGND
PGND
13
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com