Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5035CSQX/NOPB Datasheet HTML 1Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 2Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 3Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 4Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 5Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
T1 = Delay from SR1, SR2 to leading edge of HO, LO
(2)
T = Period of HO or LO
5 Device Comparison Table
PERFORMANCE FEATURE(1)(2)
LM5035
LM5035A
LM5035B
LM5035C
Sync Rectifier Dead-time Ratio (T1:T2)
2:1
3:1
3:1
3:1
Soft-start: Hiccup Mode Charging Current
50 µA:1 µA
100 µA:1 µA
100 µA:1 µA
100 µA:1 µA
Bootstrap (HB-HS) Undervoltage Lockout
5 V
3.9 V
3.9 V
3.9 V
Start-up Regulator Current
20 mA (min)
25 mA (min)
40 mA (min)
40 mA (min)
SR State in UVLO Shutdown and Hiccup
Current Limit
High
High
Low
Low
HO,LO On-Time at Maximum Duty Cycle
0.5*T-T1–70 ns
0.5*T-T1–70 ns
0.5*T-T1
0.5*T-T1
Soft-Stop after UVLO
HO,LO
Yes
Yes
Yes
No
SR1,2
Yes
Yes
No
No
SR1, SR2 VOH (high state output)
VCC
VCC
VCC
REF (5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com