Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 17Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 18Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 19Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+110 PA
+1 PA
t2
t3
#1V
CLK
Q
S
R
Drivers Off
SS
PWM
COMP
CS
RES
LM5035C
SS
Drivers Off
Voltage
Feedback
Current
Sense
Circuit
CRES
Restart
Comparator
Restart
Latch
2.5V
5V
Restart
Current
Source
Logic
SS
Logic
To Output
Drivers
Current
Limit
0.25 V
CSS
100 mV
110 PA
110 PA
1 PA
22 PA
12 PA
Copyright © 2016, Texas Instruments Incorporated
16
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
configuration are that a short term overload will not cause a hiccup mode restart but during extended
overload conditions, the average dissipation of the power converter will be very low.
4. Externally Controlled Hiccup: The RES pin can also be used as an input. By externally driving the pin to a
level greater than the 2.5-V hiccup threshold, the controller will be forced into the delayed restart sequence.
For example, the external trigger for a delayed restart sequence could come from an overtemperature
protection circuit or an output overvoltage sensor.
Figure 11. Current Limit Restart Circuit
Figure 12. Current Limit Restart Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com