Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 20Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 21Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 22Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 23Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 24Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 25Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 26Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
LM5035C
CS
LO
AGND
Power
Transformer
HO
Q2
Q1
R1
RF
CF
VPWR
VIN
Current
Sense
Copyright © 2016, Texas Instruments Incorporated
LM5035C
9 V
VPWR
8.3 V ± 15 V
(from aux
winding)
VIN
VCC
Copyright © 2016, Texas Instruments Incorporated
LM5035C
VPWR
50
0.1 µF
VIN
Copyright © 2016, Texas Instruments Incorporated
24
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.2.2.3 Current Sense
The CS pin needs to receive an input signal representative of the transformer’s primary current, either from a
current sense transformer or from a resistor in series with the source of the LO switch, as shown in Figure 18
and Figure 19. In both cases, the sensed current creates a ramping voltage across R1, and the RF/CF filter
suppresses noise and transients. R1, RF and CF should be located as close to the LM5035C as possible, and the
ground connection from the current sense transformer, or R1, should be a dedicated track to the AGND pin. The
current sense components must provide greater than 0.25 V at the CS pin when an overcurrent condition exists.
Figure 16. Input Transient Protection
Figure 17. Start-Up Regulator for VPWR >100 V
Figure 18. Current Sense Using Current Sense Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com