Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 25Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 26Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 32Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
OVP
LM5035C
STANDBY
NTC
THERMISTOR
T
R2
R1
1.25 V
5 V
23 PA
VREF
Copyright © 2016, Texas Instruments Incorporated
OVP
LM5035C
STANDBY
R2
100k
Q1
R1
2k
VREF
VOUT
5V
1.25 V
23 µA
Copyright © 2016, Texas Instruments Incorporated
29
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Remote configuration of the controller’s operational modes can be accomplished with open drain device(s)
connected to the UVLO pin as shown in Figure 23.
9.2.2.7 Fault Protection
The Overvoltage Protection (OVP) comparator of the LM5035C can be configured for line or load fault protection
or thermal protection using an external temperature sensor or thermistor. Figure 21 shows a line over voltage
shutdown application using a voltage divider between the input power supply, VPWR, and AGND to monitor the
line voltage.
Figure 24 demonstrates the use of the OVP pin for latched output overvoltage fault protection, using a Zener and
opto-coupler. When VOUT exceeds the conduction threshold of the opto-coupler diode and Zener, the opto-
coupler momentarily turns on Q1 and the LM5035C enters standby mode, disabling the drivers and enabling the
hysteresis current source on the OVP pin. Once the current source is enabled, the OVP voltage will remain at
2.3V (23 µA × 100 k
Ω) without additional drive from the external circuit. If the opto-coupler transistor emitter were
directly connected to the OVP pin, then leakage current in the Zener diode amplified by the opto-coupler’s gain
could falsely trip the protection latch. R1 and Q1 are added reduce the sensitivity to low-level currents in the
opto-coupler. Using the values of Figure 24, the opto-coupler collector current must equal VBE(Q1) / R1 = 350 µA
before OVP latches. Once the controller has switched to standby mode, the outputs no longer switch but the
VCC and REF regulators continue functioning and supply bias to the external circuitry. VCC must fall below 6.2 V
or the UVLO pin must fall below 0.4 V to clear the OVP latch.
Figure 24. Latched Load Overvoltage Protection
Figure 25 shows an application of the OVP comparator for Remote Thermal Protection using a thermistor (or
multiple thermistors), which may be located near the main heat sources of the power supply. The negative
temperature coefficient (NTC) thermistor is nearly logarithmic, and in this example a 100-k
Ω thermistor with the β
material constant of 4500 kelvins changes to approximately 2 kΩ at 130°C. Setting R1 to one-third of this
resistance (665 Ω) establishes 130°C as the desired trip point (for VREF = 5 V). In a temperature band from 20°C
below to 20°C above the OVP threshold, the voltage divider is nearly linear with 25 mV per°C sensitivity.
R2 provides temperature hysteresis by raising the OVP comparator input by R2 × 23 µA. For example, if a 22-kΩ
resistor is selected for R2, then the OVP pin voltage will increase by 22 kΩ × 23 µA = 506 mV. The NTC
temperature must therefore fall by 506 mV / 25 mV per°C = 20°C before the LM5035C switches from the standby
mode to the normal mode.
Figure 25. Remote Thermal Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com