Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 17Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 18Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 19Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 20Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 21Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 22Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
HO
SR1
LO
SR2
T1
T2
T1
T2
Maximum Duty Cycle =
2
TS - T1
1
TS
19
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
The HB and VCC capacitors should be placed close to the pins of the LM5035C to minimize voltage transients
due to parasitic inductances since the peak current sourced to the MOSFET gates can exceed 1.25 A. The
recommended value of the HB capacitor is 0.01 µF or greater. A low ESR or ESL capacitor, such as a surface
mount ceramic, should be used to prevent voltage droop during the HO transitions.
The maximum duty cycle for each output is equal to or slightly less than 50% due to any programmed sync
rectifier delay. The programmed sync rectifier delay is determined by the DLY pin resistor. If the COMP pin is
open circuit, the outputs will operate at maximum duty cycle. The maximum duty cycle for each output can be
calculated with Equation 3.
where
•
TS is the period of one complete cycle for either the HO or LO outputs
•
T1 is the programmed sync rectifier delay
(3)
For example, if the oscillator frequency is 200 kHz, each output will cycle at 100 kHz (TS = 10 µs). Using no
programmed delay, the maximum duty cycle at this frequency is calculated to be 50%. Using a programmed sync
rectifier delay of 100 ns, the maximum duty cycle is reduced to 49%. Because there is no fixed dead time in the
LM5035C, TI recommends that the delay pin resistor not be less than 10 K. Internal delays, which are not
ensured, are the only protection against cross conduction if the programmed delay is zero, or very small.
Figure 14. HO, LO, SR1, and SR2 Timing Diagram
8.3.12 Synchronous Rectifier Control Outputs (SR1 and SR2)
Synchronous rectification (SR) of the transformer secondary provides higher efficiency, especially for low-output
voltage converters. The reduction of rectifier forward voltage drop (0.5 V – 1.5 V) to 10 mV – 200 mV VDS voltage
for a MOSFET significantly reduces rectification losses. In a typical application, the transformer secondary
winding is center tapped, with the output power inductor in series with the center tap. The SR MOSFETs provide
the ground path for the energized secondary winding and the inductor current. Figure 14 shows that the SR2
MOSFET is conducting while HO enables power transfer from the primary. The SR1 MOSFET must be disabled
during this period since the secondary winding connected to the SR1 MOSFET drain is twice the voltage of the
center tap. At the conclusion of the HO pulse, the inductor current continues to flow through the SR1 MOSFET
body diode. Because the body diode causes more loss than the SR MOSFET, efficiency can be improved by
minimizing the T2 period while maintaining sufficient timing margin over all conditions (component tolerances,
and so forth) to prevent shoot-through current. When LO enables power transfer from the primary, the SR1
MOSFET is enabled and the SR2 MOSFET is off.
During the time that neither HO nor LO is active, the inductor current is shared between both the SR1 and SR2
MOSFETs which effectively shorts the transformer secondary and cancels the inductance in the windings. The
SR2 MOSFET is disabled before LO delivers power to the secondary to prevent power being shunted to ground.
The SR2 MOSFET body diode continues to carry about half the inductor current until the primary power raises
the SR2 MOSFET drain voltage and reverse biases the body diode. Ideally, dead-time T1 would be set to the
minimum time that allows the SR MOSFET to turn off before the SR MOSFET body diode starts conducting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com