Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 26Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 27Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 28Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 29Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 30Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 31Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 32Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 33Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+110 PA
+1 PA
t2
t3
#1V
t3 =
CSS x 4V
110 PA
= 40 k: x CSS
t2 =
CSS x 1V
1 PA
= 1 M: x CSS
t1 =
CRES x 2.5V
22 PA
= 114 k: x CRES
30
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.2.2.8 Hiccup Mode Current Limit Restart (RES)
The basic operation of the hiccup mode current limit restart is described in the functional description. The delay
time to restart is programmed with the selection of the RES pin capacitor CRES as illustrated in Figure 25.
In the case of continuous cycle-by-cycle current limit detection at the CS pin, the time required for CRES to reach
the 2.5-V hiccup mode threshold is:
(17)
For example, if CRES = 0.01 µF the time t1 is approximately 1.14 ms.
The cool down time, t2 is set by the soft-start capacitor (CSS) and the internal 1-µA SS current source, and is
equal to Equation 18:
(18)
If CSS = 0.01 µF t2 is ≊10 ms.
The soft-start time t3 is set by the internal 110-µA current source, and is equal to Equation 19.
(19)
If CSS = 0.01 µF t3 is ≊363 µs.
The time t2 provides a periodic cool-down time for the power converter in the event of a sustained overload or
short circuit. This off time results in lower average input current and lower power dissipation within the power
components. TI recommends that the ratio of t2 / (t1 + t3) be in the range of 5 to 10 to take advantage of this
feature.
If the application requires no delay from the first detection of a current limit condition to the onset of the hiccup
mode (t1 = 0), the RES pin can be left open (no external capacitor). If it is desired to disable the hiccup mode
entirely, the RES pin should be connected to ground (AGND).
Figure 26. Hiccup Overload Restart Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com