Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CSQX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LM5035CSQX/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CSQX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM5035CSQX/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 16Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 17Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 18Page - Texas Instruments LM5035CSQX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
15
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Reference
The REF pin is the output of a 5-V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 15 mA (minimum).
8.3.5 Cycle-by-Cycle Current Limit
The CS pin is driven by a signal representative of the transformer primary current. If the voltage sensed at CS
pin exceeds 0.25 V, the current sense comparator terminates the HO or LO output driver pulse. If the high
current condition persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle
determined by the current sense comparator instead of the PWM comparator. Cycle-by-cycle current limiting may
trigger the hiccup mode restart cycle depending on the configuration of the RES pin (see the following).
A small R-C filter connect to the CS pin and located near the controller is recommended to suppress noise. An
internal 32-Ω MOSFET connected to the CS input discharges the external current sense filter capacitor at the
conclusion of every cycle. The discharge MOSFET remains on for an additional 50 ns after the HO or LO driver
switches high to blank leading edge transients in the current sensing circuit. Discharging the CS pin filter each
cycle and blanking leading edge spikes reduces the filtering requirements and improves the current sense
response time.
The current sense comparator is very fast and responds to short duration noise pulses. Layout considerations
are critical for the current sense filter and sense resistor. The capacitor associated with the CS filter must be
placed very close to the device and connected directly to the CS and AGND pins. If a current sense transformer
is used, both leads of the transformer secondary should be routed to the filter network, which should be located
close to the IC. If a sense resistor located in the source of the main MOSFET switch is used for current sensing,
a low inductance type of resistor is required. When designing with a current sense resistor, all of the noise
sensitive low power ground connections should be connected together near the AGND pin, and a single
connection should be made to the power ground (sense resistor ground point).
8.3.6 Overload Protection Timer
The LM5035C provides a current limit restart timer to disable the outputs and force a delayed restart (hiccup
mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current limit events required
to trigger the restart is programmable by the external capacitor at the RES pin. During each PWM cycle, the
LM5035C either sources or sinks current from the RES pin capacitor. If no current limit is detected during a
cycle, a 12-µA discharge current sink is enabled to pull the RES pin to ground. If a current limit is detected, the
12-µA sink current is disabled and a 22-µA current source causes the voltage at the RES pin to gradually
increase. The LM5035C protects the converter with cycle-by-cycle current limiting while the voltage at RES pin
increases. If the RES voltage reaches the 2.5-V threshold, the following restart sequence occurs (also see
Figure 11):
•
The RES capacitor and SS capacitors are fully discharged
•
The soft-start current source is reduced from 110 µA to 1 µA
•
The SS capacitor voltage slowly increases. When the SS voltage reaches
≊1 V, the PWM comparator will
produce the first narrow output pulse. After the first pulse occurs, the SS source current reverts to the normal
110-µA level. The SS voltage increases at its normal rate, gradually increasing the duty cycle of the output
drivers
•
If the overload condition persists after restart, cycle-by-cycle current limiting will begin to increase the voltage
on the RES capacitor again, repeating the hiccup mode sequence
•
If the overload condition no longer exists after restart, the RES pin will be held at ground by the 12-µA current
sink and normal operation resumes
The overload timer function is very versatile and can be configured for the following modes of protection:
1. Cycle-by-cycle only: The hiccup mode can be completely disabled by connecting a zero to 50-k
Ω resistor
from the RES pin to AGND. In this configuration, the cycle-by-cycle protection will limit the output current
indefinitely and no hiccup sequences will occur.
2. Hiccup only: The timer can be configured for immediate activation of a hiccup sequence upon detection of
an overload by leaving the RES pin open circuit.
3. Delayed Hiccup: Connecting a capacitor to the RES pin provides a programmed interval of cycle-by-cycle
limiting before initiating a hiccup mode restart, as previously described. The dual advantages of this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com