Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 14Page - Microchip Technology PIC32 Datasheet HTML 15Page - Microchip Technology PIC32 Datasheet HTML 16Page - Microchip Technology PIC32 Datasheet HTML 17Page - Microchip Technology PIC32 Datasheet HTML 18Page - Microchip Technology PIC32 Datasheet HTML 19Page - Microchip Technology PIC32 Datasheet HTML 20Page - Microchip Technology PIC32 Datasheet HTML 21Page - Microchip Technology PIC32 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
PIC32 USB STARTER KIT III
USER’S GUIDE
 2013 Microchip Technology Inc.
DS70005132B-page 17
Chapter 2. Hardware
This chapter describes the hardware features of the starter kit.
2.1
HARDWARE FEATURES
The key features of the PIC32 USB Starter Kit III are listed below. They are presented
in the same order as described in Section 1.2 “PIC32 Functionality and Features”.
You can refer to Figure 1-1 for their locations on the board.
2.1.1
Processor Support
The PIC32 USB Starter Kit III is designed with a permanently mounted (i.e., soldered)
PIC32MX470F512L processor.
2.1.2
Power Supply
There are two ways to supply power to the PIC32 USB Starter Kit III:
• USB bus power connected to the USB debug connector, J3
• An external application board with a regulated DC power supply that provides +5V
can be connected to the J1 application board connector that is provided on the
bottom side of the board
One green LED, PWR (D7), is provided to indicate the PIC32 microcontroller is
powered.
2.1.3
Debug USB Connectivity
The PIC32 USB Starter Kit III includes a PIC24FJ256GB106 that provides debugger
connectivity over USB PKOB. The PIC24FJ256GB106 is hard-wired to the PIC32
device to provide protocol translation through the I/O pins of the PIC24FJ256GB106 to
the ICSP™ pins of the PIC32 device.
The PIC32 USB Starter Kit III currently uses the ICSP pins of the PIC32 device for
programming and debugging.
2.1.4
PIC32 USB Connectivity
The following are three possible ways to connect to the PIC32MX470F512L:
• HOST mode – Connect the device to the Type A connector J5, which is located on
the top side of the starter kit. If using the Debug USB port to power the Host port,
install jumper JP1 to short the back-power prevention diode. Note that a maximum
of ~400 mA can be supplied from the Debug USB port to the Host port using this
method. If full 500 mA supply is needed, an external supply must be connected to
the application board, and the jumper JP1 must be removed to prevent back-
powering the Debug USB port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com