Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 15Page - Microchip Technology PIC32 Datasheet HTML 16Page - Microchip Technology PIC32 Datasheet HTML 17Page - Microchip Technology PIC32 Datasheet HTML 18Page - Microchip Technology PIC32 Datasheet HTML 19Page - Microchip Technology PIC32 Datasheet HTML 20Page - Microchip Technology PIC32 Datasheet HTML 21Page - Microchip Technology PIC32 Datasheet HTML 22Page - Microchip Technology PIC32 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
PIC32 USB Starter Kit III User’s Guide
DS70005132B-page 18
 2013 Microchip Technology Inc.
• DEVICE mode – Connect the debug Mini-B USB cable to port J3 and this cable
will be plugged into the Host USB port to provide power and for debugging, if nec-
essary. Then connect the starter kit to the Host using a cable with a Type-B Micro
connector to the starter kit’s Micro A/B port J4, located on the bottom side of the
starter kit. Connect the other end of this cable to the Host for the DEVICE mode
communication. Jumper JP1 should be removed.
• OTG mode – Connect the starter kit to the OTG device using an OTG Micro A/B
cable to the Micro A/B port J4, located on the bottom side of the starter kit. The
starter kit provides an on-board power supply capable of providing 120 mA (maxi-
mum). This supply is controlled by the PIC32MX470F512L microcontroller.
Jumper JP1 should be removed.
2.1.5
Switches
Three push button switches provide the following functionality:
• SW1: Active-low switch connected to RD6
• SW2: Active-low switch connected to RD7
• SW3: Active-low switch connected to RD13
These switches do not have any debounce circuitry and require the use of internal
pull-up resistors, which allows the investigation of software debounce techniques.
When idle, the switches are pulled high (+3.3V), and when pressed, they are grounded.
2.1.6
LEDs
The three LEDs, LED1, LED2, and LED3, are connected to RD0, RD1, and RD2 of
PORTD of the processor. The PORTD pins are set high to illuminate the LEDs.
2.1.7
Oscillator Options
The installed microcontroller has an oscillator circuit connected to it. The main oscillator
uses an 8 MHz crystal (Y1) and functions as the controller’s Primary Oscillator. Use of
an external crystal is required to develop USB applications. The USB specification
dictates a frequency tolerance of +/- 0.25% for full speed. Non-USB applications can
use the internal oscillators. The starter kit also has provisions for an external Secondary
Oscillator (Y2); however, this is not populated.
The PIC24FJ256GB106 is independently clocked and has its own 12 MHz crystal (Y3).
2.1.8
120-Pin Modular Expansion Connector
The PIC32 USB Starter Kit III is designed with a 120-pin modular expansion interface,
which allows the board to provide basic generic functionality now, and easy
extendability to new technologies as they become available.
TABLE 2-1:
STARTER KIT CONNECTOR PART NUMBERS
Connector
HIROSE Electric PN
Starter Kit Connector
FX10A-120P/12-SV1(71)
Application Board Connector
FX10A-120S/12-SV(71)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com