Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 20Page - Microchip Technology PIC32 Datasheet HTML 21Page - Microchip Technology PIC32 Datasheet HTML 22Page - Microchip Technology PIC32 Datasheet HTML 23Page - Microchip Technology PIC32 Datasheet HTML 24Page - Microchip Technology PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
FIGURE A-5:
PIC32 USB STARTER KIT III SCHEMATICS (DEBUG CPU)
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
+3.3V_PKOB
ASSEMBLY_ID_0
ASSEMBLY_ID_1
ICSP_MCLR_VPP_PICKIT3
POWER_GOOD_PICKIT3
SCK
SDI
SDO
UTIL_CS
UTIL_WP
USB_D-
USB_D+
UTIL_SCK
UTIL_SDI
UTIL_SDO
VBUS_DEVICE
VDD_SENSE
VPP_GND
VPP_ON
VPP_SENSE
VREF_2.5V
GND
GND
GND
GND
GND
GND
GND
GND
GND
PGC__PKOB
PGD_PKOB
10K
R13
10K
R15
330R
R10
0.1uF
C19
0.1uF
C21
C22
8pF
C23
8pF
10
F
C24
200K
R18
100R
R14
1uF
C20
R12
3.16K
1K
R11
4
2
Y3
12.0MHz
AN0/RB0
16
AN3/RB3
13
VDD
10
MCLR
7
PMA5/RG6
4
PMD5/RE5
1
USBID/RF3
33
D-/RG3
36
OSC1/CLKIN/RC12
39
RTCC/RD8
42
PMCS1/RD11
45
SOSCO/RC14
48
AN2/RB2
14
AN1/RB1
15
PMA2/RG9
8
VSS
9
AN5/RB5
11
PMD6/SCL3/RE6
2
PMD7/SDA3/RE7
3
PMA4/RG7
5
Vusb
35
Vbus
34
VSS
41
OSC2/CLKO/RC15
40
VDD
38
SOSCI/RC13
47
INT0/RD0
46
SCL1/PMCS2/RD10
44
USBOENAN4/RB4
12
PMA3/RG8
6
D+/RG2
37
SDA1/RD9
43
AN0/RB0
AN3/RB3
VDD
MCLR
PMA5/RG6
PMD5/RE5
USBID/RF3
D-/RG3
OSC1/CLKIN/RC12
II
RTCC/RD8
PMCS1/RD11
SOSCO/RC14
AN2/RB2
AN1/RB1
PMA2/RG9
VSS
AN5/RB5
PMD6/SCL3/RE6
PMD7/SDA3/RE7
PMA4/RG7
Vusb
Vbus
VSS
OSC2/CLKO/RC15
VDD
SOSCI/RC13
INT0/RD0
II
SCL1/PMCS2/RD10
USBOEN/AN4/RB4
PMA3/RG8
D+/RG2
SDA1/RD9
U2
PIC24FJ256GB106
10K
R16
VBUS_DEVICE_SWITCHED_SENSE
TARGET_POWER_ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com