Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 23Page - Microchip Technology PIC32 Datasheet HTML 24Page - Microchip Technology PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology PIC32 Datasheet HTML 29Page - Microchip Technology PIC32 Datasheet HTML 30Page - Microchip Technology PIC32 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
FIGURE A-9:
PIC32 USB STARTER KIT III SCHEMATICS (USB HOST POWER SUPPLY)
FIGURE A-10:
PIC32 USB STARTER KIT III SCHEMATICS (SWITCHES AND LEDS)
D-
2
D+
3
VBUS
1
4
J5
D+
D-
C13
100uF
RD14
C1IN+/AN5/RB5
JP1
+5V_EXT
EN
4
IN
5
GND
2
OC
3
OUT
1
U6
TPS20X1B
* Install Jumper if powering
from Debugger Power Supply
USB HOST Power Supply
HOST TYPE - TYPE A
+5V_DUSB
330R
R2
330R
R4
330R
R3
Green
D5
LED2
Red
D3
LED1
Yellow
D4
LED3
RD1
RD2
USER LEDs
S1
S2
S3
GND
USER SWITCHES
INT0/RD0
PMD14/RD6
PMD15/RD7
PMD13/RD13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com