Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 22Page - Microchip Technology PIC32 Datasheet HTML 23Page - Microchip Technology PIC32 Datasheet HTML 24Page - Microchip Technology PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology PIC32 Datasheet HTML 29Page - Microchip Technology PIC32 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
FIGURE A-7:
PIC32 USB STARTER KIT III SCHEMATICS (POWER SUPPLY)
FIGURE A-8:
PIC32 USB STARTER KIT III SCHEMATICS (USB OTG/DEVICE POWER SUPPLY)
D7
GRN
P32_VDD
+3.3V_PKOB
330R
R46
C14
4.7uF
FLAGB
4
OUT
5
GND
2
ON
3
IN
1
U7
FPF2104
TARGET_POWER_ENABLE
100K
R43
100K
R44
0R
R17
VBUS_DEVICE_SWITCHED_SENSE
C1IN+/AN5/RB5
R40
4.7K
1uF
C31
R41
DNP
100K
R42
PGOOD
1
Vout
2
Vin
3
GND
4
C-
5
C+
6
SHDN
7
SELECT
8
U5
MCP1253_MSOP
RD14
VBUS
P32_VDD
P32_VDD
D+
D-
D-
2
D+
3
VBUS
1
4
J4
RF3
TYPE MICRO A/B
USB OTG/Device Power Supply (120 mA MAX)
DEVICE/OTG PORT
10
F
C32
10
F
C33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com