Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 24Page - Microchip Technology PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology PIC32 Datasheet HTML 29Page - Microchip Technology PIC32 Datasheet HTML 30Page - Microchip Technology PIC32 Datasheet HTML 31Page - Microchip Technology PIC32 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
PIC32 USB STARTER KIT III
USER’S GUIDE
 2013 Microchip Technology Inc.
DS70005132B-page 27
Appendix B. Bill of Materials
B.1
PIC32 USB STARTER KIT III BILL OF MATERIALS
TABLE B-1:
PIC32 USB STARTER KIT III BILL OF MATERIALS
Reference
Description
Manufacturer
Part No.
C1, C2, C3,
C4, C5, C6,
C7, C16, C19,
C21, C25,
C26, C27,
C28, C29
CAP CER .10 µF 50V X7R 0603
TDK Corporation
C1608X7R1H104M
C9, C10
CAP CER 20 PF 50V 5% NP0 0603
TDK Corporation
C1608C0G1H200J
C15, C17
CAP CER 2.2 µF 16V X5R 0603
TDK Corporation
C1608X5R1C225K
C18
CAP CER 10000 pF 50V X7R 0603
TDK Corporation
C1608X7R1H103M
C20, C30, C31 CAP CER 1.0 µF 16V X5R 10% 0603
TDK Corporation
C1608X5R1C105K
C22, C23
CAP CER 8 pF 50V NP0 0603
Murata Electronics North
America
GRM1885C1H8R0DZ01D
C8, C24, C32,
C33
CAP CER 10 µF 16V Y5V 0805
Murata Electronics North
America
GRM21BF51C106ZE15L
C14
CAP CER 4.7 µF 10V Y5V 0603
Taiyo Yuden
JMK107BJ475KA-T
C13
CAP CER 100 µF 6.3V Y5V 1206
Murata Electronics North
America
GRM31CF50J107ZE01L
R1, R24, R25,
R40
RES 4.7 K
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT4K70
R2, R3, R4,
R9, R10, R21,
R22, R23, R46
RES 330
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT330R
R5, R13, R15,
R16, R19,
R31, R32,
R33, R34
RES 10 K
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT10K0
R6, R26, R27,
R36
RES 0.0
 1/10W 0603 SMD
Panasonic - ECG
ERJ-3GEY0R00V
R7, R18
RES 200 K
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT200K
R11
RES 1 K
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT1K00
R12
RES 3.16 K
 1/10W 1% 0603 SMD
Yageo
RC0603FR-073K16L
R14
RES 100
 1/10W 5% 0603 SMD
Yageo
RC0603JR-07100RL
R20, R29, R30 RES 2.21 K
 1/10W 1% 0603 SMD
Panasonic - ECG
ERJ-3EKF2211V
R28
RES 3.92 K
 1/10W 1% 0603 SMD
Yageo
RC0603FR-073K92L
R35, R42,
R43, R44
RES 100 K
 1/10W 1% 0603 SMD
Stackpole Electronics Inc. RMCF0603FT100K
R37
RES 100
 1/4W 1% 1206 SMD
Yageo
RC1206FR-07100RL
D1, D2
DIODE SCHOTTKY 20V 0.5A SOD123
ON Semiconductor
MBR0520LT1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com