Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 25Page - Microchip Technology PIC32 Datasheet HTML 26Page - Microchip Technology PIC32 Datasheet HTML 27Page - Microchip Technology PIC32 Datasheet HTML 28Page - Microchip Technology PIC32 Datasheet HTML 29Page - Microchip Technology PIC32 Datasheet HTML 30Page - Microchip Technology PIC32 Datasheet HTML 31Page - Microchip Technology PIC32 Datasheet HTML 32Page - Microchip Technology PIC32 Datasheet HTML 33Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
PIC32 USB Starter Kit III User’s Guide
DS70005132B-page 28
 2013 Microchip Technology Inc.
D3
LED, SMD, RED, 0603 package
Kingbright Corp.
APT1608EC
D4
LED, SMD, YEL, 0603 package
Kingbright Corp.
APT1608YC
D5, D6, D7
LED, SMD, GRN, 0603 package
Kingbright Corp.
APT1608SGC
J1
CONN_CL570-0103
Hirose Electric Co. Ltd.
FX10B-120P/12-SV1(71)
J3
CONN RECEPT MINI USB 2.0 5 POS
Hirose Electric Co. Ltd.
UX60-MB-5ST
J4
CONN RCPT MICRO USB AB SMD R/A
Hirose Electric Co. Ltd.
ZX62-AB-5PA(11)
J5
CONN USB TYPE A R/A BLACK
On Shore Technology Inc. USB-A1HSB6
JP1
CONN HEADER .100 SINGL STR 2 POS Sullins
PBC02SAAN
Q1
TRANS SS PNP 40V 300 MW SOT23
Micro Commercial Co.
MMBT3906-TP
Q2, Q3
TRANSISTOR NPN GP 40V SOT23
Micro Commercial Co.
MMBT3904-TP
S1, S2, S3
SWITCH TACTILE SPST-NO 0.05A 12V
C&K Electronics
PTS635SK25SMTR LFS
U1
PIC32MX470F512L-I/PT
Microchip Technology Inc. PIC32MX470F512L-I/PT
U2
IC PIC MCU FLASH 256K 64-pin TQFP
Microchip Technology Inc. PIC24FJ256GB106-I/PT
U3
IC REG LDO 1.5A 3.3V 8DFN
Microchip Technology Inc. MCP1727-3302E/MF
U4
IC EEPROM 256 kilobit 10 MHz 8 TSSOP Microchip Technology Inc. 25LC256-I/ST
U5
IC MULT CONFIG 3.3/5V .12A 8 MSOP
Microchip Technology Inc. MCP1253-33X50I/MS
U6
IC PWR DIST SWITCH SNGL SOT23-5
Texas Instruments
TPS2051BDBVR
U7
IC SWITCH LOAD FULL FUNC SOT23-5
Fairchild
FPF2104
Y1
CRYSTAL 8 MHz 20 pF SMD
Fox Electronics
FQ7050B-8
Y3
CRYSTAL 12 MHz 8 PF SMD
NDK
NX3225SA-12.000000 MHZ
+3.3V_PKOB,
GND
PC TEST POINT MINIATURE SMT
Keystone Electronics
5015
“Feet”
BUMPON CYLINDRICAL .375X.135 BLK
3M
SJ61A8
C11, C12
(DNP)
CAP CER 11PF 50V 5% NP0 0603
TDK Corporation
C1608C0G1H110J
Y2 (DNP)
CRYSTAL 32 kHz 12.5 pF CYL
ECS Inc.
ECS-.320-12.5-13X
MH1 (DNP)
0.120 Diameter hole, unplated
DNP
DNP (120 mm unplated
hole)
J2 (DNP)
CONN HEADER .050" 6 POS PCB GOLD SULLINS
GRPB061VWVN-RC
R8, R17, R38,
R39, R41
(DNP)
RES0603 DNP
DNP
DNP (RES0603)
TABLE B-1:
PIC32 USB STARTER KIT III BILL OF MATERIALS (CONTINUED)
Reference
Description
Manufacturer
Part No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com