Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC32
Description  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC32 Datasheet HTML 11Page - Microchip Technology PIC32 Datasheet HTML 12Page - Microchip Technology PIC32 Datasheet HTML 13Page - Microchip Technology PIC32 Datasheet HTML 14Page - Microchip Technology PIC32 Datasheet HTML 15Page - Microchip Technology PIC32 Datasheet HTML 16Page - Microchip Technology PIC32 Datasheet HTML 17Page - Microchip Technology PIC32 Datasheet HTML 18Page - Microchip Technology PIC32 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PIC32 USB Starter Kit III User’s Guide
DS70005132B-page 14
 2013 Microchip Technology Inc.
1.2
PIC32 FUNCTIONALITY AND FEATURES
Representations of the layout of the PIC32 USB Starter Kit III are shown in Figure 1-1
and Figure 1-2.
The top assembly of the board includes these key features, as indicated in Figure 1-1:
1.
PIC32MX470F512L 32-bit microcontroller (U1).
2.
Green power indicator LED (D7).
3.
On-board crystal (Y1) for precision microcontroller clocking (8 MHz).
4.
USB Type mini-B receptacle for on-board debugger communications (J3).
5.
Green PICkit™ On-board (PKOB) debug indicator LED (D6).
6.
Three push button switches, SW1, SW2, and SW3, for user-defined inputs (S1,
S2, S3).
7.
Three user-defined indicator LEDs, LED1, LED2, and LED3 (D3, D4, D5).
8.
USB Type A receptacle for PIC32 host-based applications (J5).
9.
HOST mode power jumper (JP1).
10. Regulated +3.3V power supply for powering the starter kit via USB or expansion
board (U3).
FIGURE 1-1:
PIC32 USB STARTER KIT III LAYOUT (TOP VIEW)
Note:
When running USB device applications, open the jumper JP1 to prevent
possibly back-feeding voltage onto the VBUS from one port on the host to
another (or from one host to another).
4
5
6
6
6
7
7
7
1
3
8
2
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com