Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 49Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 50Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 51Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 52Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 53Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 54Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 55Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 56Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 146 page
background image
Table 30. Current consumption in Run and Low-power run modes, code with data processing running from SRAM1, bypass mode, HSE clock used as
system clock
TBD stands for "to be defined".
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
Clock source
Range
fHCLK
25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Run)
Supply current in Run mode
fHCLK = fHSE, bypass mode ,
peripherals disabled
Range 1
48 MHz
3.45
3.45
3.50
3.60
3.80
3.8
3.85
3.95
4.1
4.5
mA
32 MHz
2.35
2.35
2.40
2.50
2.65
2.6
2.6
2.7
2.9
3.25
24 MHz
1.80
1.80
1.85
1.95
2.10
1.95
2
2.1
2.25
2.65
16 MHz
1.25
1.25
1.30
1.40
1.55
1.35
1.4
1.5
1.65
2
Range 2
16 MHz
1.05
1.05
1.10
1.15
1.30
1.15
1.2
1.25
1.4
1.7
8 MHz
0.580 0.595 0.630 0.700
0.845
0.64 0.665 0.745
0.88
1.2
4 MHz
0.345 0.355 0.395 0.460
0.610
0.38
0.4
0.48
0.615
0.925
2 MHz
0.225 0.235 0.275 0.340
0.485
0.25
0.27
0.35
0.485
0.79
1 MHz
0.165 0.180 0.215 0.290
0.425 0.185 0.205 0.28
0.42
0.725
400 kHz 0.130 0.140 0.180 0.245
0.390 0.145 0.165 0.24
0.38
0.685
100 kHz 0.115 0.125 0.160 0.225
0.375 0.125 0.145 0.225
0.36
0.665
IDD (LPRun)
Supply current in Low-power
run mode
Low-power
run
2 MHz
0.070 0.080 0.120 0.190
0.350
TBD
TBD
TBD
TBD
TBD
1 MHz
0.040 0.050 0.090 0.160
0.315
TBD
TBD
TBD
TBD
TBD
400 kHz 0.020 0.030 0.070 0.145
0.295
TBD
TBD
TBD
TBD
TBD
100 kHz 0.010 0.020 0.060 0.135
0.290
TBD
TBD
TBD
TBD
TBD
1. Evaluated by characterization, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com