Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 10Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 11Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 12Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 13Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 14Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 15Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 16Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 17Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 146 page
background image
Peripheral
Run
Sleep
Low-
power
run
Low-
power
sleep
Stop 0/1
Stop 2
Standby
Shutdown
VBAT
-
-
-
-
LPTIMx (x = 1 to 3)
O
O
O
O
O
O
O
O
-
-
-
-
-
Independent watchdog
(IWDG)
O
O
O
O
O
O
O
O
O
O
-
-
-
Window watchdog (WWDG)
O
O
O
O
-
-
-
-
-
-
-
-
-
SysTick timer
O
O
O
O
-
-
-
-
-
-
-
-
-
Touch sensing controller
(TSC)
O
O
O
O
-
-
-
-
-
-
-
-
-
LCD
O
O
O
O
O
O
O
O
-
-
-
-
-
True random number
generator (RNG)
O(7)
O(7)
-
-
-
-
-
-
-
-
-
-
-
CRC calculation unit
O
O
O
O
-
-
-
-
-
-
-
-
-
GPIOs
O
O
O
O
O
O
O
O
(8)
5
pins(9)
(10)
5
pins(9)
-
1. The flash memory can be configured in power-down mode. By default, it is not in power-down mode.
2. The SRAM clock can be gated on or off.
3. SRAM2 content is preserved when the bit RRS is set in PWR_CR3 register.
4. Some peripherals with wake-up from Stop capability can request HSI16 to be enabled. In this case, HSI16 is woken up by the peripheral,
and only feeds the peripheral which requested it. HSI16 is automatically put off when the peripheral does not need it anymore.
5. UART and LPUART reception is functional in Stop mode, and generates a wake-up interrupt on Start, address match or received frame
event.
6. I2C address detection is functional in Stop mode, and generates a wake-up interrupt in case of address match.
7. Voltage scaling Range 1 only.
8. I/Os can be configured with internal pull-up, pull-down or floating in Standby mode.
9. The I/Os with wake-up from Standby/Shutdown capability are PA0, PA1, PA2, PB15, PC5, and PC13.
10. I/Os can be configured with internal pull-up, pull-down or floating in Shutdown mode but the configuration is lost when exiting the Shutdown
mode.
3.8
Peripheral interconnect matrix
Several peripherals have direct connections between them. This allows autonomous communication between
peripherals, saving CPU resources thus power supply consumption. In addition, these hardware connections
allow fast and predictable latency.
Depending on peripherals, these interconnections can operate in Run, Sleep and Stop modes.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 14/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com