Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 22Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 23Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 24Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 25Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 26Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 27Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 28Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 29Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 146 page
background image
3.30
Universal serial bus device (USB)
The devices embed a USB controller with full-speed USB device compliant with the USB specification version 2.0.
The internal USB PHY supports USB FS signaling, embedded DP pull-up, and also battery charging detection
according to Battery Charging Specification Revision 1.2. The USB interface implements a full-speed (12 Mbit/s)
function interface with added support for USB 2.0 Link Power Management. It has software-configurable endpoint
setting with packet memory up to 1 Kbyte and suspend/resume support. It requires a precise 48 MHz clock that is
generated from the internal main PLL (the clock source must use an HSE crystal oscillator) or by the internal
48 MHz oscillator in automatic trimming mode. The synchronization for this oscillator can be taken from the USB
data stream itself (SOF signalization) which enables crystal less operation.
3.31
Debug support
3.31.1
Serial wire debug port (SW-DP)
An Arm® SW-DP interface is provided to allow a serial wire debugging tool to be connected to the MCU.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 26/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com