Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 32Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 33Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 34Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 35Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 36Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 37Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 38Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 39Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 146 page
background image
Pin Number
Pin name (function
after reset)
Note
Alternate functions
Additional functions
28
A6
41
41
57
C4
75
A4
PB5
I/O
FT_l
LPTIM1_IN1, TIM3_CH2, SPI1_MOSI, SPI3_MOSI,
USART1_CK, LPUART3_CTS, TSC_G2_IO2,
LCD_SEG9, COMP2_OUT, TIM16_BKIN,
EVENTOUT
-
-
-
-
-
-
-
-
F4
VSS
S
-
-
29
B7
42
42
58
D3
76
B4
PB6
I/O
FT_fa
LPTIM1_ETR, I2C4_SCL, I2C1_SCL, I2C2_SCL,
LPUART3_TX, USART1_TX, TSC_G2_IO3,
LPUART2_TX, TIM16_CH1N, EVENTOUT
COMP2_INP2
30
A8
43
43
59
C3
77
B3
PB7
I/O
FT_fla
LPTIM1_IN2, I2C4_SDA, I2C1_SDA, I2C2_SDA,
LPUART3_RX, USART1_RX, USART4_CTS,
TSC_G2_IO4, LPUART2_RX, LCD_SEG21,
EVENTOUT
COMP2_INM1, PVD_IN
31
C8
44
44
60
B4
78
A2
PF3-BOOT0
(BOOT0)
I/O
FT
EVENTOUT
-
-
A10
45
45
61
B3
79
A1
PB8
I/O
FT_fl
LPTIM1_IN2, LPTIM3_IN2, I2C2_SCL, I2C1_SCL,
USART3_TX, LCD_SEG16, TIM16_CH1,
EVENTOUT
-
-
-
46
46
62
A3
80
B2
PB9
I/O
FT_fl
IR_OUT, LPTIM3_CH4, I2C2_SDA, I2C1_SDA,
SPI2_NSS, USART3_RX, LCD_COM3,
LPTIM1_CH4, EVENTOUT
-
32
A12
47
47
63
D4
1
F6
VSS
S
-
-
-
1
B11
48
48
64
E4
2
G7
VDD
S
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current (3 mA), the use of GPIOs PC13 to PC15 in output mode is
limited:
•
The speed should not exceed 2 MHz with a maximum load of 30 pF
•
These GPIOs must not be used as current sources (for example to drive a LED).
2. After an RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of the RTC registers. The RTC registers are not reset upon
system reset. For details on how to manage these GPIOs, refer to the RTC domain and RTC register descriptions in the RM0503 reference manual.
3. Pins PA9/PA10 can be remapped in place of pins PA11/PA12 (default mapping), using SYSCFG_CFGR1 register.
4. Upon reset, these pins are configured as SW debug alternate functions, and the internal pull-up on PA13 pin and the internal pull-down on PA14 pin are activated.
4.3
Alternate functions
Table 13. Port A alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
LPTIM1/
SYS_AF/
TIM1/2
I2C4/
LPTIM1/3/
TIM1/2/3
I2C2/4/
SYS_AF/
USART2
I2C1/2/3/4/
LPTIM3
I2C2/SPI1/2
COMP1/
LPUART3/
SPI2/3
USART1/2/3
LPUART1/2/3/
USART4
TSC
CRS/
LPUART2/U
SB
LCD
COMP1/2/LC
D
-
LPTIM1/2/3/
TIM2/15/16
EVENTOUT
Port
A
PA0
-
TIM2_CH1
-
-
-
-
-
USART2_CTS
USART4_TX
-
-
LCD_SEG42
COMP1_OUT
-
TIM2_ETR
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com