Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 12Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 13Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 14Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 15Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 16Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 17Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 18Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 19Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 146 page
background image
•
Safe clock switching: clock sources can be changed safely on the fly in run mode through a configuration
register.
•
Clock management: to reduce power consumption, the clock controller can stop the clock to the core,
individual peripherals or memory.
•
System clock source: two different sources can deliver SYSCLK system clock:
–
4-48 MHz high-speed oscillator with external crystal or ceramic resonator (HSE). It can supply clock
to system PLL. The HSE can also be configured in bypass mode for an external clock.
–
16 MHz high-speed internal RC oscillator (HSI16), trimmable by software. It can supply clock to
system PLL.
–
Multispeed internal RC oscillator (MSI), trimmable by software, able to generate 12 frequencies form
100 kHz to 48 MHz. When a 32.768 kHz clock source is available in the system (LSE), the MSI
frequency can be automatically trimmed by hardware to reach an accuracy better than ± 0.25%. The
MSI can supply a PLL.
–
System PLL, which can be fed by HSE, HSI16 or MSI. It provides a system clock up to 56 MHz.
•
Auxiliary clock source: three ultra-low-power clock sources for the real-time clock (RTC), and the LCD
controller:
–
32.768 kHz low-speed oscillator with external crystal (LSE), supporting four drive capability modes.
The LSE can also be configured in bypass mode for using an external clock.
–
32 kHz low-speed internal RC oscillator (LSI) with ± 5% accuracy, also used to clock an independent
watchdog.
•
Peripheral clock sources: several peripherals (RNG, USARTs, I2Cs, LPTIMs, ADC) have their own clock
independent of the system clock.
•
Clock security system (CSS): in the event of HSE clock failure, the system clock is automatically
switched to HSI16 and, if enabled, a software interrupt is generated. LSE clock failure can also be detected
and generate an interrupt. The CSS feature can be enabled by software.
•
Clock output:
–
MCO (microcontroller clock output) provides one of the internal clocks for external use by the
application
–
LSCO (low speed clock output) provides LSI or LSE in all low-power modes (except in VBAT
operation).
Several prescalers enable the application to configure AHB and APB domain clock frequencies, 56 MHz at
maximum.
3.10
Clock recovery system (CRS)
The STM32U073x8/B/C devices embed a special block, which enables automatic trimming of the internal 48 MHz
oscillator, to guarantee its optimal accuracy over the whole device operational range. This automatic trimming is
based on the external synchronization signal, which could be either derived from USB SOF signalization, from
LSE oscillator, from an external signal on CRS_SYNC pin, or generated by the user software. For faster lock-in
during startup, it is also possible to combine automatic trimming with manual trimming action.
3.11
General-purpose inputs/outputs (GPIOs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without
pull-up or pull-down) or as peripheral alternate function (AF). Most of the GPIO pins are shared with special digital
or analog functions.
Through a specific sequence, this special function configuration of I/Os can be locked, such as to avoid spurious
writing to I/O control registers.
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 16/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com