Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 60Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 61Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 62Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 63Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 64Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 65Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 66Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 67Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (SRAM2)
Supply current to be added in Standby mode when SRAM2
is retained
-
3.3 V
nA
90.0
190
620
1450
3300
225
475
1550
3500
8250
3.6 V 90.5
190
640
1500
3400
225
480
1600
3550
8500
Table 42. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Shutdown)
Supply current in Shutdown
mode (backup registers
retained), RTC disabled
-
EN_ULP = 0
1.8 V 10.0
92.5
595
1950
5950
42
280
2000
7050
25500
nA
2.4 V 41.5
135
725
2250
7100
105
400
2400
8200
28500
3.0 V 52.5
165
840
2600
7900
145
495
2850
9500
32000
3.3 V 53.5
175
910
2800
8450
160
540
3100 10000 34000
3.6 V 65.0
205
1000
3050
9100
190
620
3350 11000 36500
IDD (Shutdown with
RTC)
Supply current in Shutdown
mode (backup registers
retained), RTC enabled
RTC clocked by
LSE bypassed at
32768 Hz
-
1.8 V 67.0
150
660
2050
6150
195
370
1650
5100
15500
2.4 V
120
220
820
2400
7350
305
550
2050
5950
18500
3.0 V
165
285
980
2750
8200
420
710
2450
6950
20500
3.3 V
195
320
1050
3000
8850
485
800
2700
7500
22000
3.6 V
225
370
1200
3200
9550
565
930
3000
8050
24000
RTC clocked by
LSE quartz
EN_ULP = 0
LPCAL = 0
1.8 V
160
425
955
2300
12000
400
1050 2400
5800
30000
2.4 V
425
535
1150
2700
13000 1050 1350 2850
6750
32500
3.0 V
535
665
1350
3150
14000 1350 1650 3400
7850
35000
3.3V
600
740
1500
3400
15500 1500 1850 3750
8550
38500
3.6 V
675
835
1650
3650
17000 1700 2100 4100
9200
42500
EN_ULP = 0
LPCAL = 1
1.8 V
145
260
785
2150
12000
360
655
1950
5400
30000
2.4 V
200
310
915
2450
13500
500
770
2300
6150
33500
3.0 V
235
360
1050
2850
14500
585
900
2650
7100
36000
3.3 V
255
395
1150
3050
16000
640
985
2850
7650
40000
3.6 V
290
445
1250
3250
17000
720
1100 3150
8200
42500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com