Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 18Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 19Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 20Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 21Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 22Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 23Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 24Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 25Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 146 page
background image
3.24.1
Advanced-control timer (TIM1)
The advanced-control timer can be seen as a three-phase PWM unit multiplexed on 6 channels. It has
complementary PWM outputs with programmable inserted dead-times. It can also be seen as a complete general-
purpose timer. The four independent channels can be used for:
•
Input capture
•
Output compare
•
PWM output (edge or center-aligned modes) with full modulation capability (0-100%)
•
One-pulse mode output
In debug mode, the advanced-control timer counter can be frozen and the PWM outputs disabled, so as to turn off
any power switches driven by these outputs.
Many features are shared with those of the general-purpose TIMx timers (described in Section 3.24.2: General-
purpose timers (TIM2, 3, 15, 16)) using the same architecture, so the advanced-control timers can work together
with the TIMx timers via the Timer Link feature for synchronization or event chaining.
3.24.2
General-purpose timers (TIM2, 3, 15, 16)
There are four synchronizable general-purpose timers embedded in the device (refer to Table 7 for comparison).
Each general-purpose timer can be used to generate PWM outputs or act as a simple timebase.
•
TIM2, TIM3
These are full-featured general-purpose timers:
–
TIM2 with 32-bit auto-reload up/downcounter and 16-bit prescaler
–
TIM3 with 16-bit auto-reload up/downcounter and 16-bit prescaler
They have four independent channels for input capture/output compare, PWM, or onepulse mode output.
They can operate together or in combination with other general-purpose timers via the Timer Link feature
for synchronization or event chaining. They can generate independent DMA request and support
quadrature encoders. Their counters can be frozen in debug mode.
•
TIM15, TIM16
These are general-purpose timers featuring:
–
16-bit auto-reload upcounter and 16-bit prescaler
–
2 channels and 1 complementary channel for TIM15
–
1 channel and 1 complementary channel for TIM16
All channels can be used for input capture/output compare, PWM or one-pulse mode output. The timers
can operate together via the Timer Link feature for synchronization or event chaining. They can generate
independent DMA request. Their counters can be frozen in debug mode.
3.24.3
Basic timers (TIM6 and TIM7)
These timers are mainly used for triggering DAC conversions. They can also be used as generic 16-bit
timebases.
3.24.4
Low-power timers (LPTIM1, LPTIM2, and LPTIM3)
These timers have an independent clock. When fed with LSE, LSI or external clock, they keep running in Stop
mode and they can wake up the system from it.
Features of LPTIM1, LPTIM2, and LPTIM3:
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
Configurable output (pulse, PWM)
•
Continuous/one-shot mode
•
Selectable software/hardware input trigger
•
Selectable clock source:
–
Internal: LSE, LSI, HSI16 or APB clocks
–
External: over LPTIM input (working even with no internal clock source running, used by pulse
counter application)
•
Programmable digital glitch filter
•
Encoder mode
STM32U073x8/B/C
Functional overview
DS14548 - Rev 2
page 22/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com