Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 59Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 60Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 61Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 62Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 63Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 64Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 65Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 66Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 146 page
background image
Symbol
Parameter
Conditions
Typ
Max
Unit
-
-
VDD 25 °C 55 °C 85 °C 105 °C 125 °C 30 °C 55 °C 85 °C 105 °C 130 °C
IDD (Standby with
RTC)
Supply current in Standby mode
(backup registers retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
EN_ULP = 0
3.3 V
nA
260
460
1600
4350
12000
655
1150 4000 11000 30000
3.6 V
285
505
1700
4650
13000
710
1250 4250 11500 32000
RTC clocked by LSI,
independent watchdog
EN_ULP = 0
1.8 V
200
340
1150
3150
8850
500
850
2850
7900
22000
2.4 V
225
385
1300
3600
10000
560
960
3250
9000
25500
3.0 V
245
435
1500
4050
11500
620
1100 3700 10000 28500
3.3 V
265
465
1600
4350
12000
665
1150 4000 11000 30000
3.6 V
290
515
1750
4700
13000
720
1300 4350 11500 32000
RTC clocked by LSE,
bypassed at 32768 Hz
LPCAL = 0
1.8 V
155
290
1100
3150
8800
385
725
2750
7850
22000
2.4 V
195
355
1300
3600
10000
495
885
3200
9000
25500
3.0 V
245
430
1500
4100
11500
615
1050 3750 10500 28500
3.3 V
280
475
1600
4500
12000
695
1200 4050 11000 30500
3.6 V
315
540
1750
4800
13000
785
1350 4400 12000 33000
RTC clocked by LSE
quartz in low-drive mode
EN_ULP = 0
LPCAL = 0
1.8 V
245
565
1400
3400
9550
620
1400 3450
8550
24000
2.4 V
510
680
1600
3900
11000 1250 1700 4050
9750
28000
3.0 V
625
820
1900
4550
12500 1550 2050 4750 11500 31500
3.3 V
690
905
2050
4900
13500 1750 2250 5150 12000 33500
3.6 V
770
1000 2250
5200
14000 1900 2500 5600 13000 35500
EN_ULP = 0
LPCAL = 1
1.8 V
230
400
1200
3250
9050
580
1000 3050
8100
22500
2.4 V
280
450
1400
3700
10500
705
1100 3450
9200
26000
3.0 V
320
510
1600
4200
11500
800
1300 3950 10500 29000
3.3 V
345
555
1650
4550
12500
865
1400 4200 11500 31000
3.6 V
380
615
1850
4800
13000
955
1550 4600 12000 33000
EN_ULP = 1
LPCAL = 1
1.8 V
160
360
1400
3900
11000
400
900
3500
9800
27500
2.4 V
215
440
1750
4550
13000
540
1100 4400 11500 32500
3.0 V
260
550
2250
5300
14500
650
1350 5600 13000 37000
3.3 V
285
620
2500
5700
15500
720
1550 6250 14000 39000
3.6 V
330
700
2800
6050
16500
825
1750 7000 15000 41500
IDD (SRAM2)
Supply current to be added in Standby mode when SRAM2
is retained
-
1.8 V 89.0
190
605
1400
3200
225
470
1500
3550
8050
2.4 V 90.0
190
605
1400
3250
225
470
1500
3550
8050
3.0 V 90.0
190
610
1450
3250
225
475
1500
3550
8100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com