Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U073MBU6 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32U073MBU6
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073MBU6 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32U073MBU6 Datasheet HTML 100Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 101Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 102Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 103Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 104Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 105Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 106Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 107Page - STMicroelectronics STM32U073MBU6 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 146 page
background image
Prescaler
WDGTB
Min timeout value
Max timeout value
Unit
8
ms
3
0.2867
18.3501
6.3.27
I2C-bus interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user manual rev. 03 for:
•
Standard-mode (Sm): with a bit rate up to 100 kbit/s
•
Fast-mode (Fm): with a bit rate up to 400 kbit/s
•
Fast-mode Plus (Fm+): with a bit rate up to 1 Mbit/s.
When the I2C peripheral is properly configured, the I2C timings requirements are specified by design, and not
tested in production (refer to RM0503 reference manual).
The SDA and SCL I/O requirements are met with the following restrictions: the SDA and SCL I/O pins are not
“true” open-drain. When configured as open-drain, the PMOS connected between the I/O pin and VDDIOx is
disabled, but is still present. Only FT_f I/O pins support Fm+ low level output current maximum requirement. Refer
to Section 6.3.14: I/O port characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the table below for the analog filter characteristics:
Table 85. I2C analog filter characteristics
Specified by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tAF
Maximum pulse width of spikes that are suppressed by the analog filter
50(1)
205(2)
ns
1. Spikes with widths below tAF(min) are filtered.
2. Spikes with widths above tAF(max) are not filtered
6.3.28
USART characteristics
Unless otherwise specified, the parameters given in Table 86 are derived from tests performed under the ambient
temperature, fPCLK frequency and supply voltage conditions summarized in Section 6.3.1: General operating
conditions. The additional general conditions are:
•
Output speed is set to OSPEEDRy[1:0] = 11 (output speed)
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
•
Voltage scale is set to VOS[1:0] = 01
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternatefunction
characteristics (NSS, CK, TX, and RX for USART).
STM32U073x8/B/C
Electrical characteristics
DS14548 - Rev 2
page 104/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com