Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 5 Page - DFROBOT

  DFR0508 Datasheet HTML 1Page - DFROBOT DFR0508 Datasheet HTML 2Page - DFROBOT DFR0508 Datasheet HTML 3Page - DFROBOT DFR0508 Datasheet HTML 4Page - DFROBOT DFR0508 Datasheet HTML 5Page - DFROBOT DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Tutorial
Requirements
Take FireBeetle ESP8266 board as an example at here, other Arduino control boards such as
arduino UNO, arduino Mega… are also can be used.
•
Hardware
1 x ESP32/ESP8266 Board
1 x FireBeetle Covers-DC Motor&Stepper Driver
1 x Hybrid Stepper Motor for 3D Printer (3.5kg)
1 x DC Motor
•
Software
Arduino IDE V1.6.x Click to Download Arduino IDE from Arduino®
Please download and install FireBeetle Covers-DC Motor&Stepper Driver library files.
About Library installation.
DC Motor Drive
FireBeetle Covers-DC Motor&Stepper Driver can control up to 4-channel DC motors simultaneously.
There are 4 marked motor connectors: M1A&M1B, M2A&M2B, M3A&M3B and M4A&M4B. We’ll
show you how to control a DC motor with a Firebeetle or Arduino board.
Hardware Connection
Connect the DC motor to M1A&M1B port, M1A to anode and M1B to cathode. Generally, you need
to connect a motor power (4~12V) to Motor PWR port, and connect a logic power (3.3~5V) to VCC &
GND pins. If you use FireBeetle, you can plug the cover on the board, and connect the external
power (4~12V).
DC Motor Drive Wiring Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com