Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 12 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 12 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT DFR0508 Datasheet HTML 12Page - DFROBOT DFR0508 Datasheet HTML 13Page - DFROBOT DFR0508 Datasheet HTML 14Page - DFROBOT DFR0508 Datasheet HTML 15Page - DFROBOT DFR0508 Datasheet HTML 16Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
9. So that the motor won’t rotate if the resolution set to be 0.1° and only rota
te to 0.9° if the resolution set to be 1°.
10.
Min: 0°
11.
Min: 0° (if the rotate angel set to be 0, the motor will keep rotating
).
12.
speed: set speed. The speed range is 0~1023. Set it to 0 and the rotat
e speed is 0r/min; set it to maximum 1023 and the rotate speed is 200r/min.
13.
dir: set direction. dir=CW: rotate in C.W.(Clockwise); dir=CCW: rotate
in anti-clockwise
14. Reverse the function of group A stepper motor
15.
reverse_SA()
DC Motor & Stepper Motor Drive
FireBeetle Covers-DC Motor&Stepper Driver can control a stepper motor and 2 DC motors
simultaneously and let them work independent to each other. The test explains the way to control
both stepper motor and DC motors at the same time.
Hardware Connection
Connect the stepper motor to STEPPER1 and DC motor to M4, shown as below.
DC Motor & Stepper Drive Wiring Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com