Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 16 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 16 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT DFR0508 Datasheet HTML 12Page - DFROBOT DFR0508 Datasheet HTML 13Page - DFROBOT DFR0508 Datasheet HTML 14Page - DFROBOT DFR0508 Datasheet HTML 15Page - DFROBOT DFR0508 Datasheet HTML 16Page - DFROBOT DFR0508 Datasheet HTML 17Page - DFROBOT DFR0508 Datasheet HTML 18Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
12.
Min: 0° (if the rotate angel set to be 0, the motor will keep rotating
).
13.
speed: set speed. The speed range is 0~1023. Set it to 0 and the rotat
e speed is 0r/min; set it to maximum 1023 and the rotate speed is 200r/min.
14.
dir: set direction. dir=CW: rotate in C.W.(Clockwise) ; dir=CCW: rota
te in anti-clockwise.
15. The reverse function of group 4 DC motor.
16.
reverse_4()
17. The reverse function of group A stepper motor.
18.
reverse_SA()
Definition of API Function and Macro
Macro:
Object:
M1--->the first group DC motor--->[M1A(+),M1B(-)]
M2--->the second group DC motor--->[M2A(+),M1B(-)]
M3--->the third group DC motor--->[M3A(+),M3B(-)]
M4--->the fourth group DC motor--->[M4A(+),M4B(-)]
SA--->the group A stepper motor------>[M1A(A+),M1B(A-),M2A(B+),M2B(B-)]
SB--->the group A stepper motor ------>[M3A(A+),M3B(A-),M4A(B+),M4B(B-)]
Keyword Expansion:
CW: rotate in C.W.(Clockwise)
CCW: rotate in counter clockwise
CS (Chip Select) Address
A0: the first chip select address
A1: the second chip select address
A2: the third chip select address
A3: the fourth chip select address
Function:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com