Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 10 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 10 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT DFR0508 Datasheet HTML 12Page - DFROBOT DFR0508 Datasheet HTML 13Page - DFROBOT DFR0508 Datasheet HTML 14Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
* @author [LiXin]
* @version
V1.0
* @date
2017-7-31
* @https://github.com/DFRobot/DFRobot_MotorStepper
*/
#include "Arduino.h"
#include "Wire.h"
#include "DFRobot_MotorStepper.h"
/*****************Keywords instruction*****************/
//SA--->Stepper_Group_A--->[M1A(A+),M1B(A-),M2A(B+),M2B(B-)]
//SB--->Stepper_Group_B--->[M3A(A+),M3B(A-),M4A(B+),M4B(B-)]
//CW: rotate in positive direction
//CCW: rotate in reverse
//A0: Chip Selection Address 1
//A1: Chip Selection Address 2
//A2: Chip Selection Address 3
//A3: Chip Selection Address 4
/*****************Function instruction*****************/
//void start(float angle, uint16_t speed, uint8_t dir)
//*This function can be used to start the motor
//*angle: Set the Angle
Min:0°(If the Angle is equal to 0°,The motor
will not stop spinning)
//*speed: Set the speed
Min:8
//*dir: Set Orientation
CW or CCW
//void getDir()
//*This function can get the current rotation direction of the motor
DFRobot_Stepper stepperA(SA);
void reverse_SA()
{
stepperA.start(0, 12, !stepperA.getDir());
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com