Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 1 Page - DFROBOT

  DFR0508 Datasheet HTML 1Page - DFROBOT DFR0508 Datasheet HTML 2Page - DFROBOT DFR0508 Datasheet HTML 3Page - DFROBOT DFR0508 Datasheet HTML 4Page - DFROBOT DFR0508 Datasheet HTML 5Page - DFROBOT DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FireBeetle Covers-DC Motor & Stepper
Driver SKU:DFR0508
Introduction
DFRobot FireBeetle series are low power consumption microcontrollers designed for Internet of
Things (IoT) development. FireBeetle Covers-DC Motor & Stepper Driver is a DC motor & Stepper
Motor driver designed for FireBeetle Microcontrollers. It can control up to four-channels DC motors /
two-phase four-wire stepper motors simultaneously.
The motor driver cover integrates a STM8 as its coprocessor, controlling the motor speed and
direction. It communicates with Microcontroller via IIC port, supports up 1000Hz refresh rate. The
assisted processor STM8 controls motors and set the main control free. It effectively reduces the
dependence on MCU pin resources and MCU occupancy. Independant motor control make the
multi-motors projects more affordable. Cooperate with DFRobot Arduino Motor Library, it will reduce
your development difficulty.


Similar Part No. - DFR0508

ManufacturerPart #DatasheetDescription
logo
Dubilier
DFR050 DUBILIER-DFR050 Datasheet
718Kb / 5P
Power Flame Proof Resistors
logo
DFROBOT
DFR0502 DFROBOT-DFR0502 Datasheet
638Kb / 7P
Gravity:IO Expansion & Motor Driver Shield V1.1 SKU: DFR0502
1-10-18
DFR0504 DFROBOT-DFR0504 Datasheet
611Kb / 2P
Gravity: Analog Signal Isolator
9-19-17
DFR0505 DFROBOT-DFR0505 Datasheet
1Mb / 20P
SIM7000C Arduino NB IoT/LTE/GPRS Expansion Shield SKU: DFR0505
4-3-18
DFR0507 DFROBOT-DFR0507 Datasheet
676Kb / 28P
FireBeetle Covers OLED12864 Display SKU: DFR0507
7-16-18
More results

Similar Description - DFR0508

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com