Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 17 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 17 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT DFR0508 Datasheet HTML 12Page - DFROBOT DFR0508 Datasheet HTML 13Page - DFROBOT DFR0508 Datasheet HTML 14Page - DFROBOT DFR0508 Datasheet HTML 15Page - DFROBOT DFR0508 Datasheet HTML 16Page - DFROBOT DFR0508 Datasheet HTML 17Page - DFROBOT DFR0508 Datasheet HTML 18Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
The library used to control DC motor and stepper motor, including C.W rota
tion, C.C.W rotation, speed adjustment and stopping.
1. Open drive hardware of DC motor and stepper motor, read Product ID and
Version ID.
void init();
2. Shutdown the drive hardware.void shutdown();
3. Stop the motor rotation.
void stop();
4. Set the DC motor rotation direction and start rotating.
void start(uint8_t dir);dir:
set direction
CW or CCW
5. Set angle, speed, direction of the stepper motor rotation and start rot
ating.
void start(float angle, uint16_t speed, uint8_t dir);angle: set the rotati
on resolution.
The maximum resolution is 0.9° which means the minimum rotate angle is 0.9
°.
So that the motor won't rotate if the resolution set to be 0.1°and only ro
tate to 0.9° if the resolution set to be 1°.
Min: 0° (if the rotate angel set to be 0, the motor will keep rotating).
speed: set speed. The speed range is 0~1023. Set it to 0 and the rotate sp
eed is 0r/min;set it to maximum 1023 and the rotate speed is 200r/min.
dir: set direction. dir=CW: rotate in C.W.(Clockwise) ; dir=CCW: rotate in
CCW(anti-clockwise)
6. Speed control of DC motor & stepper motor
void speed(uint16_t val);val:
set speed
motor:0<=val<=4096
stepper:
0<=val<=1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com