Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 2 Page - DFROBOT

  DFR0508 Datasheet HTML 1Page - DFROBOT DFR0508 Datasheet HTML 2Page - DFROBOT DFR0508 Datasheet HTML 3Page - DFROBOT DFR0508 Datasheet HTML 4Page - DFROBOT DFR0508 Datasheet HTML 5Page - DFROBOT DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
This stepper motor driver adopts 2x TB6612FNG chips and performs excellent in low power
consumption application. The consumption current is only 30mA under static state, and motor driver
can provide 1.2A output current at 5V and the peak current is 3.2A@5V. Besides, the motor drive
supports 4~12V wide-range power input.
FireBeetle Covers-DC Motor & Stepper Driver also provides four independent interfaces to drive
servo. So, you can control servo directly. It can be widely applied to intelligent car control and gear
control.
Features
•
Support 4 channels DC motors drive
•
Support 2 channels two-phase four-wire stepper motors drive
•
Support 4 channels servo drive
•
Up to 1000Hz refresh rate
•
Equipped with a STATUS indicator (LED)
Specification
•
Microprocessor: STM8S105
•
Operating Voltage: 3.3~5V (Connect to FireBeetle VCC Terminal)
•
Operating Voltage: 30mA
•
Motor Drive Chip: TB6612FNG
•
Motor [null Drive] Voltage: 4-12V
•
Output current: 1.2A single-channel continuous drive current
•
Start / Peak Current: 2A (continuous pulse) / 3.2A (single pulse)
•
Communication Port: IIC
•
IIC Address: 0x18
•
Dimension: 2.28inches x 1.14inches (58mm x 29mm)
NOTE: the motor power supply must be independent from logic control power supplies!
Function Diagram
•
Provide 4-channel servo drive interfaces (D6-D9)
•
Provide 4-channel general motor drive interfaces (M1A/M1B, M2A/M2B, M3A/M3B, M4A/M4B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com