Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0508 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0508
Description  FireBeetle Covers DC Motor & Stepper Driver SKU:DFR0508
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0508 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0508 Datasheet HTML 4Page - DFROBOT DFR0508 Datasheet HTML 5Page - DFROBOT DFR0508 Datasheet HTML 6Page - DFROBOT DFR0508 Datasheet HTML 7Page - DFROBOT DFR0508 Datasheet HTML 8Page - DFROBOT DFR0508 Datasheet HTML 9Page - DFROBOT DFR0508 Datasheet HTML 10Page - DFROBOT DFR0508 Datasheet HTML 11Page - DFROBOT DFR0508 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
delay(2000);
}
Program Function: the first group rotate in C.W.(Clockwise) for 2s and rotate in anti-clockwise for 2s,
then stop for 2s and followed by recycling.
Functions:
1. Create a motor object
2. DFRobot_Motor motor1(M1)
M1 represents the first group DC motor M1A(+),M1B(-
)
3. Initiate the motor drive, read Product ID and Version ID, and print to the serial port.
4.
init()
5. Set speed
6.
speed(val)
0<=val<=4096(the maximum speed is 4096)
7. Set direction and start to rotate
8. start(dir)
dir=CW: rotate in C.W.(Clockwise) dir=CCW: rotate in anti-clockwi
se
Stepper Motor Drive
FireBeetle Covers-DC Motor&Stepper Driver can control two-channel two-phase four-wire stepper
motors simultaneously. It adopts DC motor interface and control via IIC interface. The test explains
the way demonstrates how to control a two-channel two-phase four-wire stepper motor by Arduino
main board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com