Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 1 Page - Elma Electronic Ltd

  SC5-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product Information
SC5-FESTIVAL • CompactPCI ® Serial CPU Card
Intel® Mobile Workstation Processor
7th Generation XEON® E3 v6 Family (Kaby Lake)
Document No. 8459 • 23 October 2018


Similar Part No. - SC5-FESTIVAL

ManufacturerPart #DatasheetDescription
logo
France Joint
SC5 FRANCEJOINT-SC5 Datasheet
314Kb / 4P
SHAFT SEALS WITH A TYPE 5 STOP
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
Electronic Digital Scale
logo
Amphenol Corporation
SC50 AMPHENOL-SC50 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Kingbright Corporation
SC50-11 KINGBRIGHT-SC50-11 Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11EWA KINGBRIGHT-SC50-11EWA Datasheet
617Kb / 5P
127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC5-FESTIVAL

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
X9SCM-F SUPERMICRO-X9SCM-F Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
logo
Advantech Co., Ltd.
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-D580 ADVANTECH-SOM-D580 Datasheet
4Mb / 6P
Intel® Xeon® D-2700 Processor (Ice Lake-D HCC) COM-HPC® Server Size D
17-Aug-2022
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
FWA-4130 ADVANTECH-FWA-4130 Datasheet
879Kb / 2P
2U Rackmount Network Appliance Platform based on Intel® Xeon® E3 series and 6th/7th generation Intel® Core™i7/i5/i3 Processors
2-Jun-2020
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
logo
AAEON Technology
COM-KBHB6 AAEON-COM-KBHB6 Datasheet
604Kb / 2P
COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
2022/09/01
logo
BCM Advanced Research.
ECM-KBLU BCM-ECM-KBLU Datasheet
415Kb / 1P
7th Gen Intel® Kaby Lake-U Processor 3.5” Micro Module
2021/02/23
logo
AAEON Technology
FWS-7840 AAEON-FWS-7840 Datasheet
345Kb / 2P
1U Rackmount Network Appliance with 10th Generation Intel® Core™/ Xeon® processor (formerly Comet Lake)
2022/10/26
logo
BCM Advanced Research.
RX170Q BCM-RX170Q Datasheet
583Kb / 1P
Intel® Q170 uATX Motherboard supports Intel Kaby Lake/ Skylake Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com