Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 6 Page - Elma Electronic Ltd

Back Button SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 10Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
Feature Summary
Local Expansion & Mezzanine Mass Storage Options
<
Mezzanine side card connectors for optional local expansion
<
Low profile mezzanine modules available (4HP front panel) and also side cards (8HP F/P assembly)
<
P-EXP - Legacy interface (from PCH)
<
P-HSE1 - configurable as 4 x SATA 6G or 4 x PCIe (from CM238 PCH), 1 x USB3
<
P-HSE2 - 4 x PCIe (from CM238 PCH) & 3rd DisplayPort (from CPU)
<
4HP Low profile mezzanine module preferred options:
<
C47-MSATA Mezzanine module - 2 x mSATA SSD sockets
<
C48-M2 Mezzanine module - 2 x M.2 2280 SATA SSD sockets
<
S20-NVME Mezzanine module - 1 x M.2 2280 NVME SSD socket, 1 x Type-C USB F/P connector
<
S40-NVME Mezzanine module - 1 x M.2 2280 NVME SSD socket, 1 x M.2 2280 SATA SSD socket, 2 x Type-C
USB F/P Connector (1 connector enabled for DisplayPort alternate mode)
<
S80-P6 Mezzanine module - 1 x M.2 2280 NVMe SSD socket, 8 x Gigabit Ethernet via P6 backplane
connector (TSN/AVB switch based solution)
<
S82-P6 Mezzanine module - M.2 NVMe SSD & 4 x GbE NIC via P6 backplane connector
<
Custom specific storage & I/O module design
<
8HP/12HP Mezzanine side card options:
<
SCL-RHYTHM Quad port GbE NIC, front panel M12 X-coded receptacles, dual M.2 (NVMe/SATA) SSD
<
SCZ-NVM Dual M.2 NVMe SSD, quad UART
<
Custom specific side card design - I/O and storage
Environmental & Regulatory
<
Suitable e.g. for industrial, transportation & instrumentation applications
<
Designed & manufactured in Germany
<
ISO 9001 certified quality management
<
Long term availability
<
Rugged solution
<
Coating, sealing, underfilling on request
<
Lifetime application support
<
RoHS compliant
<
Operating temperature 0°C to +70°C
<
Operating temperature -40°C to +85°C (industrial temperature range) on request
<
Storage temperature -40°C to +85°C, max. gradient 5°C/min
<
Humidity 5% ... 95% RH non condensing
<
Altitude -300m ... +3000m
<
Shock 15g 0.33ms, 6g 6ms
<
Vibration 1g 5-2000Hz
<
MTBF 11.9 years
<
EC Regulatory EN55022, EN55024, EN60950-1 (UL60950-1/IEC60950-1)
© EKF
-6-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com