Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 5 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 5 Page - Elma Electronic Ltd

  SC5-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
Feature Summary
On-Board Building Blocks
<
Additional on-board devices, PCIe® based
<
1 x Gigabit Ethernet controller Intel® I210IT
<
1 x Gigabit Ethernet PHY Intel® I219LM
<
IEEE 1588-2008 Precision Time Protocol including PPS and PPM signals supported
<
SATA 6G RAID controller Marvell® 88SE9230, ARM powered subsystem for host CPU offload
Security
<
Trusted Platform Module
<
TPM 2.0 for highest level of certified platform protection
<
Infineon Optiga™ SLB 9665 cryptographic processor
<
Conforming to TCG 2.0 specification
<
AES hardware acceleration support (Intel® AES-NI)
Front Panel I/O (4HP)
<
2 x Gigabit Ethernet RJ45 (1 = PCH & I219LM - Intel® AMT support, 2 = I210IT)
<
2 x DisplayPort (from processor integrated HD graphics engine, standard DP latching receptacles)
<
2 x USB 3.0
<
Option 2 x Type-C USB 3.1 Gen1 (requires low profile mezzanine expansion card w. front panel I/O)
<
Support for Type-C locking plugs (dual screw) according to the 'Locking Connector Spec. Rev. 1.0'
<
Option DisplayPort Alt Mode on lower Type-C connector (3rd video monitor output)
CompactPCI® Serial Backplane Resources
<
PICMG® CPCI-S.0 CPU card & system slot controller
<
16 x PCIe Gen3 8GT/s (2 links x 8 for two fat pipe slots, derived directly from the Xeon® or Core™ CPU)
<
6 x PCIe Gen3 8GT/s (6 links x 1 for peripheral slots, derived from CM238 PCH)
<
2 x SATA 6G (from CM238 PCH)
<
4 x SATA 6G (Marvell hardware RAID controller)
<
5 x USB2, 3 x USB3 (from CM238 PCH)
<
Option 8 x Gigabit Ethernet Marvell 88E6390 switch, requires S80-P6 low profile mezzanine expansion card
<
Option 4 x Gigabit Ethernet Intel® I210-IT NIC, requires S82-P6 low profile mezzanine expansion card
© EKF
-5-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com