Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 2 Page - Elma Electronic Ltd

  SC5-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
General
The SC5-FESTIVAL is a rich featured high
performance 4HP/3U CompactPCI® Serial CPU
board, equipped with an Intel® Xeon® E3
familiy mobile workstation processor (Kaby Lake
Halo platform) for demanding applications. For
scalability, the SC5-FESTIVAL is also available
with a 7th Generation Intel® Core™ Kaby Lake
processor.
The SC5-FESTIVAL front panel is provided with
two Gigabit Ethernet jacks, two USB 3.0
receptacles, and two DisplayPort connectors. In
addition, up to two USB Type-C front panel
receptacles are available as an option, one of
them usable alternatively as (third) DisplayPort.
On-board mass-storage solutions are based on
low profile mezzanine expansion cards, which
accommodate up to two M.2 style SSD
modules. One of the M.2 sockets is suitable for
a fast NVMe (PCIe Gen3 x 4) module, and the
other for a low cost SATA type M.2.
The SC5-FESTIVAL is equipped with up to 32GB
DDR4 RAM with ECC support. Up to 16GB
memory-down are provided for rugged
applications, and another 16GB are available via
the DDR4 ECC SO-DIMM socket.
The powerful Xeon® E3-1500 v6 series
processor is accompanied by the CM238 mobile
PCH, for a maximum of high speed I/O
resources (e.g. PCI Express®, SATA, USB). Thus,
22 PCIe lanes are available for backplane use,
and up to 8 lanes for local mezzanine
expansion.
The SC5-FESTIVAL is provided with an on-board
SATA hardware RAID controller, enabling high-
capacity mass storage solutions across the
CompactPCI® Serial backplane.
As an option, up to eight Gigabit Ethernet Ports
are available via the backplane connector P6
(S80-P6 low profile mezzanine expansion card).
© EKF
-2-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com