Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 11 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 11 Page - Elma Electronic Ltd

Back Button SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 10Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 11Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 12Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 13Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 14Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 15Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
C48-M2 Mezzanine Module
Local Expansion
The SC5-FESTIVAL is equipped with a set of
high-speed
local
expansion
interface
connectors, which can be optionally used to
attach either a low profile mezzanine module
(fits into the 4HP front panel envelope) or a side
board for an 8HP or even 12HP assembly in
total.
The connectors HSE1 and HSE2 are high speed
connectors, as required for PCI Express® Gen3
and SATA 6G. The socket EXP is used as a
legacy interface (e.g. HD Audio, LPC) and not
required for many mezzanine modules. All
connectors allow board-to-board heights of
9.5mm (C4* series), 10.0mm (S20, S40),
10.8mm (S60, S80), and 18.7mm (SC* side
cards 8HP assembly).
HSE1 can be configured for either 4 x PCIe
or 4
x SATA, or 2 x PCIe
and 2 x SATA, thanks to the
flexible HSIO channels of the CM238 PCH.
When HSE1 has been setup for SATA, the
SC5-FESTIVAL can be combined e.g. with low
cost SSD mass storage mezzanine modules such
as the C47-MSATA (dual mSATA carrier) or
C48-M2 (dual M.2 SATA sockets). For high
performance NVMe based SSD mezzanine
modules (S20/40/80), HSE1 must be configured
as PCIe x 4.
HSE2 is assigned to 4 x PCIe, and in addition
the 3rd DisplayPort video output. While S20 and
S60 get along with HSE1 only, the S40 and S80
mezzanine modules depend on both HSE1 and
HSE2, for additional I/O.
Related Information Mezzanine Connectors
www.ekf.com/s/sc5/new_mezzanine_connectors.pdf
© EKF
-11-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com