Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5-FESTIVAL Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # SC5-FESTIVAL
Description  Intel® Mobile Workstation Processor 7th Generation XEON® E3 v6 Family (Kaby Lake)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

SC5-FESTIVAL Datasheet(HTML) 3 Page - Elma Electronic Ltd

  SC5-FESTIVAL Datasheet HTML 1Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 2Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 3Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 4Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 5Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 6Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 7Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 8Page - Elma Electronic Ltd SC5-FESTIVAL Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SC5-FESTIVAL • CompactPCI® Serial CPU Board • Intel® Xeon® Processor
Feature Summary
General
<
PICMG® CompactPCI® Serial (CPCI-S.0) CPU card
<
Form factor single size Eurocard (board dimensions 100x160mm2)
<
Mounting height 3U
<
Front panel width 4HP (8HP/12HP assembly with optional mezzanine side card)
<
Front panel I/O connectors for typical system configuration (2 x USB3, 2 x DisplayPort, 2 x GbE)
<
Backplane communication via PCI Express® Gen3, SATA 6G, USB 3.0, Gigabit Ethernet
<
Local mezzanine expansion option, COTS and custom specific boards
Processor
<
Intel® Kaby Lake-H mobile platform with ECC (CM238 mobile workstation PCH)
<
Intel® Xeon® processor E3 v6 family (mobile workstation)
<
Xeon E3 1505M v6 P 3/4GHz P 8M P 4C/8T P DDR4 2400 ECC P 45/35W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1505L v6 P 2.2/3GHz P 8M P 4C/8T P DDR4 2400 ECC P 25W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1501M v6 P 2.9/3.6GHz P 6M P 4C/8T P DDR4 2400 ECC P 45/35W P GT2 - P630 P vPRO™/AMT
<
Xeon E3 1501L v6 P 2.1/2.9GHz P 6M P 4C/8T P DDR4 2400 ECC P 25W P GT2 - P630 P vPRO™/AMT
<
7th Generation Intel® Core™ mobile processor
<
i3 7100E P 2.9GHz P 3M P 2C/4T P DDR4 2400 ECC P 35W P GT2 - 630
<
i3 7102E P 2.1GHz P 3M P 2C/4T P DDR4 2400 ECC P 25W P GT2 -630
Firmware
<
Phoenix® UEFI (Unified Extensible Firmware Interface) with CSM*
<
Fully customizable by EKF
<
Secure Boot and Measured Boot supported - meeting all demands as specified by Microsoft®
<
Windows®, Linux and other (RT)OS' supported
<
Intel® AMT supported for Intel® Xeon® E3 v6 (disabled by default, must be enabled via BIOS setup)
* CSM (Compatibility Support Module) emulates a legacy BIOS environment, which allows to boot a legacy operating system such
as DOS, 32-bit Windows and some RTOS'
Main Memory
<
Integrated memory controller up to 32GB DDR4 2400 +ECC
<
DDR4 +ECC soldered memory up to 16GB
<
DDR4 +ECC SO-DIMM memory module socket up to 16GB
© EKF
-3-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com